Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA7ES Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MFS5600AMMA7ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MFS5600AMMA7ES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 9Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 10Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Pin
number
Pin name
Description
Absolute
maximum
voltage rating
Connection if not
used
23
EN1
SW1 enable input pin.
–0.3 V to 40 V
Connect to ground
24
FS0B
(NA for QM
version)
Fail-Safe Output pin. Open drain.
Connect to ground for QM version.
–0.3 V to 40 V
Connect to ground
25
SW1FB
SW1 output voltage feedback. Use external or
internal resistor divider for SW1 outputs ≤ 5.5 V.
Use external resistor divider for SW1 outputs > 5.5
V.
–0.3 V to 7 V
Connect to ground
26
PGOOD1
PGOOD1 output from monitoring of selected
voltage monitors. Open-drain.
–0.3 V to 5.5 V
Connect to ground
27
PGOOD2
PGOOD2 output from monitoring of selected
voltage monitors. Open-drain.
–0.3 V to 5.5 V
Connect to ground
28
VDIG
Output of internal regulator for powering logic.
Bypass with 2.2 µF capacitor. No external loading
permitted.
–0.3 V to 2.0 V
N/A
29
BIAS_IN
Input pin for external bias supply. Bypass with 1
µF capacitor. Connect to external bias supply <
5.5 V.
–0.3 V to 5.5 V
Connect to ground
30
VCC
VCC regulator/switch output. Bypass with 10
µF capacitor. No external loading permitted.
Nominally regulated at 4.7 V in the absence of
BIAS_IN.
–0.3 V to 5.5 V
N/A
31
MODE/SYNCIN
Selectable via OTP to be used for external clock
synchronization or to select between PFM and
PWM modes of operation.
–0.3 V to 5.5 V
Connect to ground
32
VIN
Input to internal circuitry. Connect to battery input. –0.3 V to 40 V
N/A
—
EPAD
Connect to ground with sufficient number of
thermal vias.
—
N/A
Table 3. Pin description...continued
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
7 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com