Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA7ES Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MFS5600AMMA7ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MFS5600AMMA7ES Datasheet HTML 33Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 34Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 35Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 36Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 37Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 38Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 39Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 40Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
OTP_GPIO3_CFG[1:0]
GPIO3 configuration
00
GPO (output)
01
FCCU2 (input)
10
ERRMON2 (input)
11
VMON4
Table 36. GPIO3 function selection
17.2 OV/UV monitors
The VMON1, VMON2, VMON3, and VMON4 pins are monitored for under and over
voltage faults and can be used to monitor critical voltages in the system. Status of the
VMON1-4 monitored voltages can be routed to PGOOD1 and/or PGOOD2 and can be
polled by I2C. See Section 17.6 for details on selecting desired PGOOD1/2 reactions.
OTP_VMONx_UVTH[3:0] bits control the under voltage threshold and
OTP_VMONx_OVTH[3:0] set the over voltage threshold for VMON1, VMON2, VMON3,
and VMON4.
Debounce timing on the under and over voltage thresholds is also programmable
between 5 μs and 125 µs using the OTP_VMONx_UV_DB[1:0] and
OTP_VMONx_UV_DB[1:0] bits.
An external resistor divider must be used to set the mid-point of the resistor divider to 0.6
V nominally.
The OV and UV thresholds shown below are with respect to 0.6 V.
The VMONx_OV_I and VMONx_UV_I bits are set upon detection of an over or
under voltage on VMONx and can be cleared in by writing a logic 1 to them. The
VMONx_OV_RT and VMONx_UV_RT indicate real-time status of the faults.
17.2.1 VMON1-4 electrical specifications
All parameters are specified at TA = –40 °C to 125 °C, VIN = 12 V, ENx = 12 V,
VCC = 5.0 V, no load on regulators, Fsw = 2.2 MHz, and typical external component
values, unless otherwise noted. Typical values are specified at 25 °C, unless otherwise
noted.
Parameter
Symbol
Min
Typ
Max
Unit
Nominal voltage at VMON1/2/3/4 (no fault)
VMONx_NOM
0.6
V
OTP_VMONx_UVTH[3:0]: Set point
Accuracy OTP_VMONx_UVTH[3:0] = 0000
VMONx_UVTH
95.5
97
98.5
%
OTP_VMONx_UVTH[3:0]: Set point
Accuracy OTP_VMONx_UVTH[3:0] = 0001
VMONx_UVTH
95
96.5
98
%
OTP_VMONx_UVTH[3:0]: Set point
Accuracy OTP_VMONx_UVTH[3:0] = 0010
VMONx_UVTH
94.5
96
97.5
%
OTP_VMONx_UVTH[3:0]: Set point
Accuracy OTP_VMONx_UVTH[3:0] = 0011
VMONx_UVTH
94
95.5
97
%
OTP_VMONx_UVTH[3:0]: Set point
Accuracy OTP_VMONx_UVTH[3:0] = 0100
VMONx_UVTH
93.5
95
96.5
%
Table 37. VMON1-4 electrical specifications
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
37 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com