Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA7ES Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MFS5600AMMA7ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MFS5600AMMA7ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 9Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 10Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 11Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
8 ESD Ratings
Symbol
Rating
Min
Unit
Human Body Model – all pins[1][2]
±2000
Charge Device Model – All pins[3][2]
±500
VESD
GUN discharged contact test – 2 kΩ/150 pF; 2 kΩ/300 pF; 300 Ω/150 pF –
Global pins[4]
±8000
V
Table 4. ESD ratings
[1]
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the Charge Device Model (CDM),
Robotic (CZAP = 4.0 pF)
[2]
In accordance with AEC-Q-100 Rev H
[3]
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the Charge Device Model (CDM),
Robotic (CZAP = 4.0 pF
[4]
In accordance with IEC61000-4-2 and ISO10605.2008
Caution
This device is sensitive to mechanical shock, improper handling can cause permanent damage to the part.
Caution
This is an ESD sensitive device, improper handling can cause permanent damage to the part.
9 Thermal Characteristics
Symbol
Description (Rating)
Min
Max
Unit
TA
Ambient Operating Temperature Range (Automotive)
–40
125
°C
TA
Ambient Operating Temperature Range (Industrial)
–40
105
°C
TJ
Operating Junction Temperature Range
–40
150
°C
TPPRT
Peak package reflow temperature
—
260
°C
TST
Storage Temperature Range
–55
150
°C
Table 5. Temperature range
Rating
Board Type
Symbol
Value
Unit
Junction to Ambient Thermal Resistance[1]
JESD51-9, 2s2p
RθJA
36.3
°C/W
Junction-to-Top of Package Thermal Characterization
Parameter[1]
JESD51-9, 2s2p
ΨJT
4.5
°C/W
Junction to Ambient Thermal Resistance[1]
Customized, 2s4p
RθJA
31.7
°C/W
Junction-to-Top of Package Thermal Characterization
Parameter[1]
Customized, 2s4p
ΨJT
4.4
°C/W
Table 6. QFN32 thermal resistance and package dissipation ratings
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
8 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com