Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA7ES Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MFS5600AMMA7ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MFS5600AMMA7ES Datasheet HTML 50Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 51Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 52Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 53Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 54Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 55Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 56Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 57Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
All parameters are specified at TA = –40 to 125 °C, VIN = 12 V, ENx = 12 V, VCC = 5.0 V,
No Load on regulators, Fsw = 2.2 MHz, and typical external component values, unless
otherwise noted. Typical values are specified at 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VDIG Rising
POR
VDIG_POR
1.44
V
VDIG Falling
POR
VDIG_POR
1.40
V
VDIG
Overvoltage
Threshold
VDIG_OV
1.95
V
VCC Rising
POR
VCC_POR
3.2
V
VCC Falling
POR
VCC_POR
2.6
V
VCC
Overvoltage
Threshold
VCC_OV
5.8
V
Table 52. POR Thresholds
17.13 FS5600 operation states and state machine
Figure 19 shows the high-level operation states of the FS5600 ASIL B, and Enhanced
ASIL B versions.
aaa-037161
BOS and
Internal Core
Power Up
Any state after
Internal Core
Power Up
ABIST/LBIST
Complete/Bypassed
J
I2
EN1 or EN2 = HIGH
EN1 = EN2 = LOW
I1
A
G
H
B
K
F
C
D2
E1
D1
E2
Wait for valid
VDIG, VCC
BIST
(optional)
Any State after
BIST
Thermal
Shutdown
Deep Fail Safe
(FS0B = 0)
INIT_RUN
(FS0B = 0)
M
L
NORMAL
STATE
(FS0B = 1)
On Demand ABIST
(FS0B = 1 for D1-E1)
(FS0B = 0 for D2-E2)
Shutdown Mode
Power Up
ULPM Mode
System ON
Transition
System OFF
Power Down
Figure 19. FS5600 state diagram
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
54 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com