Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAS290 Datasheet(PDF) 31 Page - Texas Instruments

Part # SCAS290
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCAS290 Datasheet(HTML) 31 Page - Texas Instruments

Back Button SCAS290 Datasheet HTML 27Page - Texas Instruments SCAS290 Datasheet HTML 28Page - Texas Instruments SCAS290 Datasheet HTML 29Page - Texas Instruments SCAS290 Datasheet HTML 30Page - Texas Instruments SCAS290 Datasheet HTML 31Page - Texas Instruments SCAS290 Datasheet HTML 32Page - Texas Instruments SCAS290 Datasheet HTML 33Page - Texas Instruments SCAS290 Datasheet HTML 34Page - Texas Instruments SCAS290 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
ti
12500 T.I. Boulevard, Dallas, Texas 75243 USA
SHEET
TITLE
DRAWN BY
OF
FILE
ENGINEER
SIZE
DATE
REV
REVISION HISTORY
20-Aug-2008
REV
ENGINEERING CHANGE NUMBER
APPROVED
DATA ACQUISITION PRODUCTS
HIGH-PERFORMANCE ANALOG DIVISION
A
DOCUMENT CONTROL NO.
B
+5VA
SEMICONDUCTOR GROUP
A0(+)
2
A1(+)
4
A2(+)
6
A3(+)
8
A4
10
A5
12
A6
14
A7
16
REF-
18
REF+
20
A0(-)
1
A1(-)
3
A2(-)
5
A3(-)
7
AGND
9
AGND
11
AGND
13
VCOM
15
AGND
17
AGND
19
J11
CONN_EVM_ANALOG
MIKE TSECOURAS
STEVE LEGGIO
23
TLV320AIC3204_54_RHB_EVM
N/A
A0(+)
2
A1(+)
4
A2(+)
6
A3(+)
8
A4
10
A5
12
A6
14
A7
16
REF-
18
REF+
20
A0(-)
1
A1(-)
3
A2(-)
5
A3(-)
7
AGND
9
AGND
11
AGND
13
VCOM
15
AGND
17
AGND
19
J21
CONN_EVM_ANALOG
-VA
2
-5VA
4
AGND
6
VD1
8
+5VD
10
+VA
1
+5VA
3
DGND
5
+1.8VD
7
+3.3VD
9
J23
CONN_EVM_POWER
-VA
2
-5VA
4
AGND
6
VD1
8
+5VD
10
+VA
1
+5VA
3
DGND
5
+1.8VD
7
+3.3VD
9
P23
CONN_EVM_POWER
GPIO0
2
DGND
4
GPIO1
6
GPIO2
8
DGND
10
GPIO3
12
GPIO4
14
SCL
16
DGND
18
SDA
20
CNTL
1
CLKX
3
CLKR
5
FSX
7
FSR
9
DX
11
DR
13
INT
15
TOUT
17
GPIO5
19
P12
CONN_EVM_SERIAL
GPIO0
2
DGND
4
GPIO1
6
GPIO2
8
DGND
10
GPIO3
12
GPIO4
14
SCL
16
DGND
18
SDA
20
CNTL
1
CLKX
3
CLKR
5
FSX
7
FSR
9
DX
11
DR
13
INT
15
TOUT
17
GPIO5
19
J12
CONN_EVM_SERIAL
GPIO0
2
DGND
4
GPIO1
6
GPIO2
8
DGND
10
GPIO3
12
GPIO4
14
SCL
16
DGND
18
SDA
20
CNTL
1
CLKX
3
CLKR
5
FSX
7
FSR
9
DX
11
DR
13
INT
15
TOUT
17
GPIO5
19
P22
CONN_EVM_SERIAL
GPIO0
2
DGND
4
GPIO1
6
GPIO2
8
DGND
10
GPIO3
12
GPIO4
14
SCL
16
DGND
18
SDA
20
CNTL
1
CLKX
3
CLKR
5
FSX
7
FSR
9
DX
11
DR
13
INT
15
TOUT
17
GPIO5
19
J22
CONN_EVM_SERIAL
/RESET
SDA
SCL
BOTTOM SIDE
BOTTOM SIDE
TOP SIDE
BOTTOM SIDE
TOP SIDE
BOTTOM SIDE
TOP SIDE
BOTTOM SIDE
+1.8VD
+3.3VD
TP41
HPGND
TP44
AGND
TP42
MICGND
TP43
AGND
C42
0.1uF
C37
47uF
C40
10uF
R39
240
R41
47
+5VA
TP36
+5VA
TP35
HPVDD
R40
500
TP37
+1.8VD
TP38
+3.3VD
IOVDD
TP39
IOVDD
IN
3
OUT
2
U6
LM317
C44
0.1uF
C39
10uF
HPVDD
DOUT
BCLK
WCLK
DIN
MCLK
SCLK
MISO
MOSI
/SS
R38
2
+1.8VA
C41
0.1uF
C36
47uF
+5VA
R37
10
C43
0.1uF
C38
10uF
TP34
+1.8VA
VIN
3
VOUT
2
U5
REG1117A-18
+5VD
TP40
+5VD
+5VD
1
2
3
W20
+5V
W21
IOVDD
TP45
DGND
TP46
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com