Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAS290 Datasheet(PDF) 6 Page - Texas Instruments

Part # SCAS290
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCAS290 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SCAS290 Datasheet HTML 2Page - Texas Instruments SCAS290 Datasheet HTML 3Page - Texas Instruments SCAS290 Datasheet HTML 4Page - Texas Instruments SCAS290 Datasheet HTML 5Page - Texas Instruments SCAS290 Datasheet HTML 6Page - Texas Instruments SCAS290 Datasheet HTML 7Page - Texas Instruments SCAS290 Datasheet HTML 8Page - Texas Instruments SCAS290 Datasheet HTML 9Page - Texas Instruments SCAS290 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
EVM Description and Basics
www.ti.com
Table 2. List of Jumpers and Switches (continued)
Default
Jumper
Position
Jumper Description
W15
Open
When installed, connects GPIO4 to reset AND gate (U3).
W16
Installed
Provides a means of measuring IOVDD current.
W17
Installed
Provides a means of measuring DVDD current.
W18
Installed
Provides a means of measuring LDOin/HPVDD current.
W19
Installed
Provides a means of measuring AVDD current.
W20
2-3
Sets U6 voltage source as +5VD or +5VA for LDOin/HPVDD.
W21
Installed
Connects +3.3VD voltage source to IOVDD node.
W22
Open
When installed, shorts across the input capacitor on IN2_L for DC measurement option. Remove this jumper for audio connections.
W23
Open
When installed, shorts across the input capacitor on IN2_R for DC measurement option. Remove this jumper for audio connections.
SW1
I2C
When set to I2C, the I2C signals from P12/J12 are connected to the codec and SPI_SELECT is set low. When set to SPI, the SPI
signals from P12/J12 are connected to the codec and SPI_SELECT is pulled to IOVDD.
SW2
LOW
When set to LOW, AVDD and DVDD are connected to +1.8VA and +1.8VD, respectively, and LDO_SELECT is set low. When set to
HI, AVDD, and DVDD are disconnected from other supplies and LDO_SELECT is pulled to IOVDD.
2.3
Analog Signal Connections
2.3.1
Analog Inputs
The analog input sources can be applied directly to terminal blocks J2, J3, and J4 or input jacks J1 and
J5. The connection details can be found in Appendix A.
2.3.2
Analog Output
The analog outputs are available from terminal blocks J6 and J8 or output jacks J7, J9, and J10. Note that
J10 is provided for signal-to-noise ratio (SNR) measurements only. The connection details can be found in
Appendix A.
2.4
Digital Signal Connections
The digital inputs and outputs of the EVM can be monitored through P12 and P22. If external signals need
to be connected to the EVM, digital inputs must be connected via J14 and J15 on the USB-MODEVM and
the SW2 switch must be changed accordingly (see Section 2.2.1). The connector details are available in
Section A.2.
2.5
Power Connections
The TLV320AIC3204EVM can be powered independently when being used in stand-alone operation or by
the USB-MODEVM when it is plugged onto the motherboard.
6
TLV320AIC3204EVM-K
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com