Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAS290 Datasheet(PDF) 37 Page - Texas Instruments

Part # SCAS290
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCAS290 Datasheet(HTML) 37 Page - Texas Instruments

Back Button SCAS290 Datasheet HTML 33Page - Texas Instruments SCAS290 Datasheet HTML 34Page - Texas Instruments SCAS290 Datasheet HTML 35Page - Texas Instruments SCAS290 Datasheet HTML 36Page - Texas Instruments SCAS290 Datasheet HTML 37Page - Texas Instruments SCAS290 Datasheet HTML 38Page - Texas Instruments SCAS290 Datasheet HTML 39Page - Texas Instruments SCAS290 Datasheet HTML 40Page - Texas Instruments SCAS290 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
www.ti.com
Appendix D TLV320AIC3204EVM Bill of Materials
The complete bill of materials for the TLV320AIC3204EVM is provided as a reference.
Table 7. TLV320AIC3204EVM Bill of Materials
PCB
Qty Value
Ref Des
Description
Vendor
Part number
1
N/A
TLV320AIC3204_54_RHB_EVM_Rev Texas
A (PCB)
Instruments
RESISTORS
Qty Value
Ref Des
Description
Vendor
Part number
2
0
R11, R12
RES ZERO OHM 1/4W 5% 1206
Panasonic
EJ-8GEY0R00V
S.D.
12
0
R13, R14, R15, R16, R17, R18, R19, R20,
RES ZERO OHM 1/10W 5% 0603
Panasonic
EJ-3GEY0R00V
R21, R22, R23, R24
S.D.
1
2
R38
RESISTOR 2.0 OHM 1/4W 5% 1206
Panasonic
EJ-8GEYJ2R0V
1
10
R37
RES 10 OHM 1/4W 5% 1206 S.D.
Panasonic
EJ-8GEYJ100V
2
16
R29, R30
RES 16 OHM 1W 5% 2512 S.D.
Panasonic
EJ-1TYJ160U
1
47
R41
RES 47 OHM 1/10W 5% 0603 S.D.
Panasonic
EJ-3GEYJ470V
4
100
R7, R8, R9, R10
RES 100 OHM 1/10W 1% 0603 S.D.
Panasonic
EJ-3EKF1000V
1
240
R39
RES 240 OHM 1/10W 5% 0603 S.D.
Panasonic
EJ-3GEYJ241V
1
332
R31
RES 332 OHM 1/10W 1% 0603 SMD
Panasonic
ERJ-
3EKF3320V
1
500
R40
TRIMPOT 500 OHM 4MM TOP ADJ
Bourns Inc.
3214W-1-501E
SMD
3
1.0K
R1, R5, R6
RES 1.00K OHM 1/10W 1% 0603
Panasonic
ERJ-
SMD
3EKF1001V
1
1.2K
R4
RES 1.20K OHM 1/10W 1% 0603
Panasonic
ERJ-
SMD
3EKF1201V
1
2.2K
R3
RES 2.2K OHM 1/10W 5% 0603
Panasonic
ERJ-
SMD
3GEYJ222V
3
2.7K
R34, R35, R36
RES 2.7K OHM 1/10W 5% 0603
Panasonic
ERJ-
SMD
3GEYJ272V
4
4.7K
R25, R26, R27, R28
RES 4.7K OHM 1/10W 5% 0603
Panasonic
ERJ-
SMD
3GEYJ472V
2
10K
R32, R33
RES 10K OHM 1/10W 5% 0603 SMD Panasonic
ERJ-
3GEYJ103V
1
100K
R2
RES 100K OHM 1/10W 1% 0603
Panasonic
ERJ-
SMD
3EKF1003V
CAPACITORS
Qty Value
Ref Des
Description
Vendor
Part number
4
47000pF
C17, C18, C19, C20
CAP CER 47000PF 50V X7R 10%
TDK
C1608X7R1H47
0603
Corporation
3K
5
0.1uF
C26, C27, C28, C29, C30
CAP CER .10UF 6.3V X5R 10%
TDK
C1005X5R0J10
0402
Corporation
4K
3
0.1uF
C23, C24, C25
CAP CER .1UF 25V X7R 0603
TDK
C1608X7R1E10
Corporation
4K
4
0.1uF
C41, C42, C43, C44
CAP .1UF 25V CERAMIC X7R 0805
Panasonic
ECJ-
2VB1E104K
6
0.47uF
C1, C2, C3, C4, C6, C7
CAP CER .47UF 10V X5R 10% 0603
Panasonic
C1608X5R1A47
4K
2
1.0uF
C15, C16
CAP CERAMIC 1UF 10V X5R 0603
Panasonic
ECJ-
BVB1A105K
2
10uF
C31, C32
CAP CERAMIC 10UF 6.3V X5R 0603 Panasonic
ECJ-
1VB0J106M
34
TLV320AIC3204EVM Bill of Materials
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com