Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAS290 Datasheet(PDF) 16 Page - Texas Instruments

Part # SCAS290
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCAS290 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SCAS290 Datasheet HTML 12Page - Texas Instruments SCAS290 Datasheet HTML 13Page - Texas Instruments SCAS290 Datasheet HTML 14Page - Texas Instruments SCAS290 Datasheet HTML 15Page - Texas Instruments SCAS290 Datasheet HTML 16Page - Texas Instruments SCAS290 Datasheet HTML 17Page - Texas Instruments SCAS290 Datasheet HTML 18Page - Texas Instruments SCAS290 Datasheet HTML 19Page - Texas Instruments SCAS290 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
AIC3204 Control Software
www.ti.com
4.1.2.1
Adaptive Filtering
The TLV320AIC3204 features double-buffered filter coefficients which allow real-time filtering. The
TLV320AIC3204 features up to six cascaded biquads and a first-order IIR filter per DAC channel in
various signal processing blocks.
The Parametric Equalizer tab (shown in Figure 9) allows the user to modify the frequency response of the
digital input signal that is fed afterwards into the DAC channels. This application can be useful to fine-tune
the audio frequency response for a particular small speaker and enclosure system combination. The
processing block PRB_P2 (which is used for this application) has one IIR filter and six biquads in cascade
per audio channel. The first biquad (BQ0) is configured as a gain control which provides headroom and
compensation gain to the subsequent biquads in the cascade. Biquads BQ1 to BQ5 are configured for EQ
and/or shelf filters.
The Gain Q (quality) and fc (center frequency) parameters are available for the EQ filters whereas Gain
fc (corner frequency) and Shelf Response are available for the shelf filters. These parameters can be
modified using their corresponding control. Also, by dragging a cursor in the frequency response window,
the gain and fc for each biquad can be modified.
The PRB_P2 biquad coefficients are defined as 1.23, 2s complement format. Coefficients that are equal or
larger than unity must be normalized to comply with such format when converting from decimal format.
This can be achieved by dividing all numerators of a biquad by a scale factor equal to the largest
numerator divided by 2
23 minus one (if the numerator is equal or larger than unity). Normalization results in
an attenuated version of the same frequency response curve. The scale factor can then be used to
compensate for the attenuation at another unused biquad.
Figure 9. Adaptive Filtering Panel
16
TLV320AIC3204EVM-K
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com