Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAS290 Datasheet(PDF) 49 Page - Texas Instruments

Part # SCAS290
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCAS290 Datasheet(HTML) 49 Page - Texas Instruments

Back Button SCAS290 Datasheet HTML 45Page - Texas Instruments SCAS290 Datasheet HTML 46Page - Texas Instruments SCAS290 Datasheet HTML 47Page - Texas Instruments SCAS290 Datasheet HTML 48Page - Texas Instruments SCAS290 Datasheet HTML 49Page - Texas Instruments SCAS290 Datasheet HTML 50Page - Texas Instruments SCAS290 Datasheet HTML 51Page - Texas Instruments SCAS290 Datasheet HTML 52Page - Texas Instruments SCAS290 Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
www.ti.com
GPIO Capability
The return packet is:
[0] 0x21
[1] 0xA0
[2] 0x02
[3] 0x05
[4] 0xAA
[5] 0x55
assuming that the values written starting at Register 5 were actually written to the device.
G.2
GPIO Capability
The USB-MODEVM has seven GPIO lines. Access them by specifying the interface to be 0x08, and then
using the standard format for packets—but addresses are unnecessary. The GPIO lines are mapped into
one byte (see Table 11):
Table 11. GPIO Pin Assignments
Bit 7
6
5
4
3
2
1
0
x
P3.5
P3.4
P3.3
P1.3
P1.2
P1.1
P1.0
Example: write P3.5 to a 1, set all others to 0:
[0] 0x18
→ write, GPIO
[1] 0x00
→ this value is ignored
[2] 0x01
→ length - ALWAYS a 1
[3] 0x00
→ this value is ignored
[4] 0x40
→ 01000000
The user can also read back from the GPIO to see the state of the pins. Assume the previous example
was just written to the port pins.
Example: read the GPIO
[0] 0x08
→ read, GPIO
[1] 0x00
→ this value is ignored
[2] 0x01
→ length - ALWAYS a 1
[3] 0x00
→ this value is ignored
The return packet is:
[0] 0x28
[1] 0x00
[2] 0x01
[3] 0x00
[4] 0x40
G.3
Writing Scripts
A script is simply a text file that contains data to send to the serial control buses.
Each line in a script file is one command. No provision is made for extending lines beyond one line, except
for the > command. A line is terminated by a carriage return.
The first character of a line is the command. Commands are:
I
Set interface bus to use
r
Read from the serial control bus
w
Write to the serial control bus
>
Extend repeated write commands to lines below a w
#
Comment
b
Break
d
Delay
f
Wait for Flag
43
SLAU266A – October 2008 – Revised October 2012
USB-MODEVM Protocol
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com