Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D.FL75-R-SMT-1 Datasheet(PDF) 4 Page - Hirose Electric

Part # D.FL75-R-SMT-1
Description  75Ω Micro Coaxial Connector Supporting 12G-SDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

D.FL75-R-SMT-1 Datasheet(HTML) 4 Page - Hirose Electric

  D.FL75-R-SMT-1 Datasheet HTML 1Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 2Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 3Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 4Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 5Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 6Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 7Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
D.FL75 Series●75Ω Micro Coaxial Connector Supporting 12G-SDI
21.3
12.5
8.2
Panel mounting hole
dimensions
+0.1
0
Ø9.6
+0.10
40
D.FL75-LP-N
JAPAN
Part No.
HRS No.
Mass (g)
BNC(75)J-D.FL75J-BPA
311-0015-0
5.66/pc
Part No.
HRS No.
Mass (g)
D.FL75-LP-N
311-0080-0
1.85/pc
There is a possibly of deforming / damaging the plug extraction tool when dropped, etc., please handle with care.
●BNC(75) Conversion Adapter (Mating portion-D.FL75 side : Jack, BNC(75) jack)
Recommended unmating tool the plug.
●
Embossed Carrier Tape Dimensions
(JIS-C-0806 / IEC60286 compliant)
●
Reel Dimensions
■Conversion Adapter
■Plug Extraction Tool
(1.8)
8
4
2
Unreeling direction
Ø21
2
Ø13
13.5
The above diagram shows the embossed carrier tape dimensions
used to package D.FL75-R-SMT-1(40).
Recommended thickness /
dimensions : 0.8-2.7mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com