Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D.FL75-R-SMT-1 Datasheet(PDF) 2 Page - Hirose Electric

Part # D.FL75-R-SMT-1
Description  75Ω Micro Coaxial Connector Supporting 12G-SDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

D.FL75-R-SMT-1 Datasheet(HTML) 2 Page - Hirose Electric

  D.FL75-R-SMT-1 Datasheet HTML 1Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 2Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 3Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 4Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 5Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 6Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 7Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
D.FL75 Series●75Ω Micro Coaxial Connector Supporting 12G-SDI
■Product Specifications
Ratings
Nominal characteristic impedance : 75
Ω
Operating
temperature range
-40
℃ to +105℃ (RH 90% max.)
Frequency range : DC to 12GHz
Storage
temperature range
-20
℃ to +70℃ (RH 90% max.)
Items
Specifications
Conditions
1. Contact resistance
Center : 50m
Ω max. Outer : 20mΩ max.
Measured with 10mA max.
2. Insulation resistance
500
MΩ min.
Measured with 250V DC
3. Withstanding voltage No flashover or insulation breakdown
300V AC for 1 min.
4. V.S.W.R. (
*)
1.3 max.
DC to 3GHz
1.5 max.
3 to 12GHz
5. Total Insertion/
Extraction Force
Insertion force 30N max.
Measured with applicable connector
Extraction force First time : 7N min.
2 to 20 times : 3N min.
6. Durability (insertion/
extraction with
corresponding plug)
Contact resistance
Center : 55m
Ω max.
Outer : 25m
Ω max.
20 mating cycles
7. Vibration resistance
No electrical discontinuity for 1µs or more.
No damaged, cracks or loose parts.
Frequency of 10 to 100Hz, single amplitude of 1.5mm,
acceleration of 59m/s2, for 5 cycles in 3 axial directions.
8. Shock resistance
No electrical discontinuity for 1µs or more.
No damaged, cracks or loose parts.
Acceleration of 735m/s2, for a duration of 11 ms,
sine half-wave waveform, 3 cycles in 6 axial directions.
9. Humidity resistance
(Steady state)
Insulation resistance : 10M
Ω min.
(high humidity)
Insulation resistance : 500M
Ω min. (dry)
No damaged, cracked or loose parts.
96 hours at temperature of 40
℃ and humidity of 95%
10. Temperature cycle
No damaged, cracked or loose parts.
Temperature : -40
℃ → +5 to +35℃ → +105℃ →
+5 to +35
℃
Time : 30
→ 5 max. → 30 → 5 max. (minutes) 5 Cycles
11. Salt spray
Meets voltage standing wave ratio
(V.S.W.R.) standards
5% salt water solution for 48 consecutive hours
*V.S.W.R. Measurement System
The above V.S.W.R. specification values were measured using the measurement system shown below.
■Materials / Finish
Product
Part
Materials
Finish/Remarks
Plug-right angle
Shell
Phosphor bronze
Partially gold plated
Insulator
LCP
Black, UL94V-0
Female center contact
Phosphor bronze
Gold plated
Receptacle
Shield
Phosphor bronze
Gold plated
Insulator
LCP
Black, UL94V-0
Male center contact
Phosphor bronze
Gold plated
Adapter
Shell
Brass/zinc alloy
Nickel plated
Insulator
PTFE resin
 ―
Male center contact
Phosphor bronze
Gold plated
〈Plug harness measurement system〉
〈Receptacle measurement system〉
Vector Network Analyzer
BNC75(M)
Termination
BNC75(M)
BNC(75)J-
D.FL75J-BPA
D.FL75-LP(P)-084
100mm double-ended harness
BNC(75)J-
D.FL75J-BPA
BNC75(M)
Termination
Vector Network Analyzer
BNC75(M)
D.U.T.
D.U.T
.
CONVERSION
ADP
D.FL75-
R-SMT-1
Test board
FR-4
D.FL75-
R-SMT-1
D.FL75-LP(P)-084
100mm double-ended harness
BNC(75)J-
D.FL75J-BPA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com