Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D.FL75-R-SMT-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # D.FL75-R-SMT-1
Description  75Ω Micro Coaxial Connector Supporting 12G-SDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

D.FL75-R-SMT-1 Datasheet(HTML) 1 Page - Hirose Electric

  D.FL75-R-SMT-1 Datasheet HTML 1Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 2Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 3Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 4Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 5Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 6Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 7Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2020.11
75Ω Micro Coaxial Connector Supporting 12G-SDI
D.FL75 Series
■Features
1. Compact 75Ω Coaxial Connector
Receptacle and plug (right angle) produces a total
mating height of only 2.79mm. (Fig. 1)
2. High impedance matching
High frequency compatible from DC to 12GHz
suitable for 12G-SDI broadcasting equipment.
3. Terminated with 75Ω, ultra-fine coaxial cable
Ø1.5mm, ultra-fine coaxial (flourinated resin insulated)
cables allow for connections in limited spaces.
4. Suitable for 12G-SDI broadcasting and video equipment
When used with the BNC(75) series plug, 75
Ω system lines are maintained from interface connection to
the internal wiring systems.
5. Supports automatic mounting
Tape and Reel packaging allows for pick-and-place mounting.
6. Easy mating
Compact connector makes a clear tactile click when mated which confirms complete mating.
7. Simple unmating process
An extraction tool which simplifies the unmating process is available.
8. Environmental Compatibility
◆Halogen Free
Chlorine and bromine above the standard values are not used for receptacle and plug harnesses.
*As defined by IEC61249-2-21
Br-900 ppm maximum, Cl-900 ppm maximum, Cl+Br combined-1,500 ppm maximum
■Applications
Broadcasting camera, FA/commercial camera, switcher, medical equipment, large video equipment.
■Function Diagram
Exterior mating view
Fig.1
6.7
D.FL75-R-SMT-1
D.FL75-LP(P)-084
Fig.2
D.FL75 set image
75Ω, up to 12GHz
■
Plug
D.FL75-LP
(
P)
-084
Plug side
■
Adapter
BNC
(
75)
J-D.FL75J-BPA
Relay adapter
■
Receptacle
D.FL75-R-SMT-1
Receptacle side
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Description - D.FL75-R-SMT-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH1297 TI1-LMH1297 Datasheet
188Kb / 9P
12G UHD-SDI Bidirectional I/O With Integrated Reclocker
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
logo
Semtech Corporation
GS12181 SEMTECH-GS12181 Datasheet
2Mb / 68P
12G UHD-SDI Retiming Cable Driver
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
12G UHD-SDI Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
12G UHD-SDI Reclocking Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com