Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D.FL75-R-SMT-1 Datasheet(PDF) 3 Page - Hirose Electric

Part # D.FL75-R-SMT-1
Description  75Ω Micro Coaxial Connector Supporting 12G-SDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

D.FL75-R-SMT-1 Datasheet(HTML) 3 Page - Hirose Electric

  D.FL75-R-SMT-1 Datasheet HTML 1Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 2Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 3Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 4Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 5Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 6Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 7Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
D.FL75 Series●75Ω Micro Coaxial Connector Supporting 12G-SDI
■Plug
6.7
L(mm)
L(mm)
●
Standard Tolerances for L
Total length (mm)
Standard
Tolerance (mm)
  50≦L≦200
±4
 200<L≦500
±8
  500<L≦1000
±12
1000
<L   
±1.5%
Note : 50mm is the shortest length (L)
that can be made.
●
Cable Assembly Product Number Structure
Refer to this page when determining product specifications by model types.
Please place orders with part numbers listed in this catalog.
The characteristics and specifications of the product described in this catalog
are reference values. Please make sure to check the latest delivery
specifications at the time of product use.
DFL75 - 2LPP - 084N 9 D -「」- L
❶❷
❸
❹ ❺
❻
❼
■How to Specify Plug Cable Assembly
[Double-Ended Cable Assembly][Single-Ended Cable Assembly]
Please contact us regarding cable terminal processing.
❶Series name : D.FL75
❷Assembly type
2LPP : Double-ended
❸Cable type
084N : Ø1.5mm cable
❹Cable color
9 : Green
❺Cable exterior conductor specifications
D : Copper tape+exterior single braid
❻Connector direction (double-ended)
A : Same direction
AC : Reversed 180°
❼Total Length L L length (mm)
■Receptacle
Part No.
HRS No.
Packaging
Mass (g)
D.FL75-R-SMT-1(01)
331-0079-0 01
100 pieces per pack
0.031/pc
D.FL75-R-SMT-1(40)
331-0079-0 40
5,000 pieces per reel
0.2
Ø2.96
0.8
4
3.6
GND
GND
GND
SID
GND
GND
GND
CUT OUT
PROHIBITION
AREA
SIG(CENTER CONTACT)
1.1
3.3
4.3
0.38
4.2
3.4
1
0.28
BRecommended PC Board Pattern/
 Metal Mask Drawing
【Please order plug with as cabled assembly】
●Recommended PC Board
 Pattern Drawing
●Recommended Metal Mask
 Drawing
 Thickness : 0.10mm/0.12mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com