Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D.FL75-R-SMT-1 Datasheet(PDF) 7 Page - Hirose Electric

Part # D.FL75-R-SMT-1
Description  75Ω Micro Coaxial Connector Supporting 12G-SDI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

D.FL75-R-SMT-1 Datasheet(HTML) 7 Page - Hirose Electric

  D.FL75-R-SMT-1 Datasheet HTML 1Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 2Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 3Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 4Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 5Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 6Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 7Page - Hirose Electric D.FL75-R-SMT-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
D.FL75 Series●75Ω Micro Coaxial Connector Supporting 12G-SDI
Part No.
HRS No.
Mass (g)
BNC(75)-PLR-PC(D)-12G-3
302-0088-0
5.3/pc
Part No.
HRS No.
Panel mount
Minimum PCB
mount pitch
Mass (g)
BNC(75)-PLR-PC-12G-2
302-0085-0
Screw : M2
×0.4
16mm
9.4/pc
Part No.
HRS No.
Panel mount
Minimum PCB
mount pitch
Mass (g)
BNC(75)-PLR-PC-12G-1
302-0083-0
Screw : M2×0.4
17mm
13.6/pc
BNC(75)-BLR-PC-12G
302-0081-0
Nut : HEX15
17.5mm
BNC(75)-BLR-PC-12G(01)
302-0081-0 01
Nut : Ø15.8
16.5mm
■12G-SDI standard compatible BNC(75) connector
12G (UHD)-SDI (SMPTE ST-2082) transmission compatible.
Meets 12G-SDI standard while maintaining superior reflection characteristics.
2
×M2×0.4
30.4
18.1
16
25.1
14.5
8.8
15
M2.6
×0.45
■Right angle receptacle
●Center contact THR type, 16mm minimum PCB mount pitch
●Center contact SMT type
16
18.1
30.4
Ø15.8
16
18.1
30.4
HEX15
●Center contact SMT type, 16mm minimum PCB mount pitch
18.1
30.4
15.4
2
×M2×0.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com