Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6725
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6725 Datasheet HTML 2Page - STMicroelectronics L6725 Datasheet HTML 3Page - STMicroelectronics L6725 Datasheet HTML 4Page - STMicroelectronics L6725 Datasheet HTML 5Page - STMicroelectronics L6725 Datasheet HTML 6Page - STMicroelectronics L6725 Datasheet HTML 7Page - STMicroelectronics L6725 Datasheet HTML 8Page - STMicroelectronics L6725 Datasheet HTML 9Page - STMicroelectronics L6725 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pin connections and functions
L6725
6/27
3
Pin connections and functions
Figure 2.
Pins connection (Top view)
Table 3.
Pin functions
Pin n.
Name
Function
15
SGND
All the internal references are referred to this pin.
16
FB
This pin is connected to the error amplifier inverting input. Connect it to VOUT through
the compensation network. This pin is also used to sense the output voltage in order
to manage the over voltage protection.
1COMP
This pin is connected to the error amplifier output and is used to compensate the
voltage control feedback loop.
2
SS/INH
The soft-start time is programmed connecting an external capacitor from this pin to
GND. The internal current generator forces a current of 10
µA through the capacitor.
When the voltage at this pin is lower than 0.5V the device is disabled.
3
EAREF
By setting the voltage at this pin is possible to select the internal/external reference
and the switching frequency:
VEAREF 0-80% of VCCDR -> External Reference/FSW = 250KHz
VEAREF = 80% - 95% of VCCDR -> VREF = 0.6V/FSW = 500KHz
VEAREF = 95% - 100% of VCCDR ->VREF = 0.6V/FSW = 250KHz
An internal clamp limits the maximum VEAREF at 2.5V (typ.). The device captures the
analog value present at this pin at the start-up when VCC meets the UVLO threshold.
1
2
3
4
5
6
11
12
SO16N
13
14
15
16
EAREF
HGATE
OCL
SS/INH
COMP
OCH
FB
N.C.
LGATE
PHASE
N.C.
7
10
SGND
VCC
VCCDR
BOOT
8
9
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com