Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6725
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6725 Datasheet HTML 9Page - STMicroelectronics L6725 Datasheet HTML 10Page - STMicroelectronics L6725 Datasheet HTML 11Page - STMicroelectronics L6725 Datasheet HTML 12Page - STMicroelectronics L6725 Datasheet HTML 13Page - STMicroelectronics L6725 Datasheet HTML 14Page - STMicroelectronics L6725 Datasheet HTML 15Page - STMicroelectronics L6725 Datasheet HTML 16Page - STMicroelectronics L6725 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
L6725
Device description
13/27
The output of the error amplifier is clamped with this voltage (VSS) until it reaches the
programmed value. No switching activity is observable if VSS is lower than 0.5V and both
MOSFETs are OFF. When VSS is between 0.5V and 1.1V the low-side MOSFET is turned ON.
As VSS reaches 1.1V (i.e. the oscillator triangular wave inferior limit) even the high-side
MOSFET begins to switch and the output voltage starts to increase. During the soft-start phase
the current can’t be reversed in order to allow pre-biased start-up (see Figure 6. and Figure 7.).
If an over current is detected during the soft-start phase, the device provides a constant-
current-protection. In this way, in case of short soft-start time and/or small inductor value and/or
high output capacitors value, the converter can start in any case, limiting the current
(Chapter 5.8: Monitoring and protections on page 14). The soft-start phase ends when Vss
reaches 3.5V. After that the over-current-protection triggers the HICCUP mode.
Figure 6.
Start-up without pre-bias
Figure 7.
Start-up with pre-bias
LGate
VOUT
IL
VSS
VSS
IL
VOUT
LGate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com