Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6725
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725 Datasheet(HTML) 1 Page - STMicroelectronics

  L6725 Datasheet HTML 1Page - STMicroelectronics L6725 Datasheet HTML 2Page - STMicroelectronics L6725 Datasheet HTML 3Page - STMicroelectronics L6725 Datasheet HTML 4Page - STMicroelectronics L6725 Datasheet HTML 5Page - STMicroelectronics L6725 Datasheet HTML 6Page - STMicroelectronics L6725 Datasheet HTML 7Page - STMicroelectronics L6725 Datasheet HTML 8Page - STMicroelectronics L6725 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
June 2006
Rev 3
1/27
27
L6725
Low cost adjustable step-down controller
Features
■ Input voltage range from 1.8V to 14V
■ Supply voltage range from 4.5V to 14V
■ Adjustable output voltage down to 0.6V with
±0.8% accuracy over line voltage and
temperature (0°C~125°C)
■ Fixed frequency voltage mode control
■ 0% to 100% duty cycle
■ External input voltage reference
■ Soft-start and inhibit
■ High current embedded drivers
■ Predictive anti-cross conduction control
■ Programmable high-side and low-side RDS(on)
sense over-current-protection
■ Sink current capability
■ Selectable switching frequency 250KHz/
500KHz
■ Pre-bias start up capability
■ Over voltage protection
■ Thermal shut-down
■ Package: SO16N
Applications
■ Low voltage distributed DC-DC
■ Graphic cards
SO16N (Narrow)
www.st.com
Order Codes
Part number
Package
Packing
L6725
SO16N
Tube
L6725TR
SO16N
Tape & Reel


Similar Part No. - L6725

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6725 STMICROELECTRONICS-L6725 Datasheet
803Kb / 32P
Voltage mode PWM controller with bootstrap anti-discharging system
28-Jun-2007
L6725A STMICROELECTRONICS-L6725A Datasheet
803Kb / 32P
Voltage mode PWM controller with bootstrap anti-discharging system
28-Jun-2007
L6725ATR STMICROELECTRONICS-L6725ATR Datasheet
803Kb / 32P
Voltage mode PWM controller with bootstrap anti-discharging system
28-Jun-2007
L6725TR STMICROELECTRONICS-L6725TR Datasheet
803Kb / 32P
Voltage mode PWM controller with bootstrap anti-discharging system
28-Jun-2007
L6725 STMICROELECTRONICS-L6725_07 Datasheet
803Kb / 32P
Voltage mode PWM controller with bootstrap anti-discharging system
28-Jun-2007
More results

Similar Description - L6725

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
Dual step-down controller with adjustable LDO
02-Nov-2006
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com