Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6725
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6725 Datasheet HTML 11Page - STMicroelectronics L6725 Datasheet HTML 12Page - STMicroelectronics L6725 Datasheet HTML 13Page - STMicroelectronics L6725 Datasheet HTML 14Page - STMicroelectronics L6725 Datasheet HTML 15Page - STMicroelectronics L6725 Datasheet HTML 16Page - STMicroelectronics L6725 Datasheet HTML 17Page - STMicroelectronics L6725 Datasheet HTML 18Page - STMicroelectronics L6725 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
L6725
Device description
15/27
5.9
Hiccup mode
During the soft-start phase the OCP provides a constant-current-protection. If during the TON
the OCH comparator triggers an over current the high-side MOSFET(s) is immediately turned
OFF (after the masking time and the internal delay) and returned on at the next pwm cycle. The
limit of this protection is that the TON cannot be less than masking time plus propagation delay,
because during the masking time the peak-current-protection is disabled. In case of very hard
short circuit, even with this short TON, the current could escalate. The valley-current-protection
is very helpful in this case to limit the current. If during the off-time the OCL comparator triggers
an over current, the high-side MOSFET(s) is not turned on until the current is over the valley-
current-limit. This implies that, if it is necessary, some pulses of the high-side MOSFET(s) will
be skipped, guaranteeing a maximum current due to the following formula:
5.10
Thermal shutdown
When the junction temperature reaches 150°C ±10°C the device enters in thermal shutdown.
Both MOSFETs are turned OFF and the soft-start capacitor is rapidly discharged with an
internal switch. The device does not restart until the junction temperature goes down to 120°C
and, in any case, until the voltage at the soft-start pin reaches 500mV.
Figure 9.
Constant current and Hiccup Mode during an OCP.
VSS
VCOMP
IL
MIN
ON
VALLEY
MAX
T
L
Vout
Vin
I
I
,
⋅
−
+
=
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com