Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6725
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6725 Datasheet HTML 10Page - STMicroelectronics L6725 Datasheet HTML 11Page - STMicroelectronics L6725 Datasheet HTML 12Page - STMicroelectronics L6725 Datasheet HTML 13Page - STMicroelectronics L6725 Datasheet HTML 14Page - STMicroelectronics L6725 Datasheet HTML 15Page - STMicroelectronics L6725 Datasheet HTML 16Page - STMicroelectronics L6725 Datasheet HTML 17Page - STMicroelectronics L6725 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Device description
L6725
14/27
5.7
Driver section
The high-side and low-side drivers allow using different types of power MOSFETs (also multiple
MOSFETs to reduce the RDSON), maintaining fast switching transitions. The low-side driver is
supplied by VCCDR while the high-side driver is supplied by the BOOT pin. A predictive dead
time control avoids MOSFETs cross-conduction maintaining very short dead time duration in
the range of 20ns. The control monitors the phase node in order to sense the low-side body
diode recirculation. If the phase node voltage is less than a certain threshold (-350mV typ.)
during the dead time, it will be reduced in the next PWM cycle. The predictive dead time control
doesn’t work when the high-side body diode is conducting because the phase node doesn’t go
negative. This situation happens when the converter is sinking current for example and, in this
case, an adaptive dead time control operates.
5.8
Monitoring and protections
The output voltage is monitored by means of pin FB. The device provides over-voltage-
protection: when the voltage sensed on FB pin reaches a value 20% (typ.) greater than the
reference the low-side driver is turned on as long as the over voltage is detected (see Figure 8).
The device realizes the over-current-protection (OCP) sensing the current both on the high-side
MOSFET(s) and the low-side MOSFET(s) and so 2 current limit thresholds can be set (see
OCH pin and OCL pin in Table 3: Pin functions):
●
Peak Current Limit
●
Valley Current Limit
The Peak Current Protection is active when the high-side MOSFET(s) is turned on, after a
masking time of 100ns. The valley-current-protection is enabled when the low-side MOSFET(s)
is turned on after a masking time of 500ns. If, when the soft-start phase is completed, an over
current event occurs during the on time (peak-current-protection) or during the off time (valley-
current-protection) the device enters in HICCUP mode: the high-side and low-side MOSFET(s)
are turned off, the soft-start capacitor is discharged with a constant current
of 10µA and when
the voltage at the SS pin reaches 0.5V the soft-start phase restarts (see Figure 9).
Figure 8.
OVP
LGate
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com