Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2023 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI2DPX2023
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI2DPX2023 Datasheet HTML 3Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 4Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 5Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2023
7
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2023
Document Number DS43532 Rev 4-2
I/O Termination Resistance under Different Conditions
Symbol
Parameter
Resistance
Units
RX Terminal
Rin-pd
Input res at EN=0
78k to VbiasRx
Ω
Rin-Active
Input res at active mode condition
50 to VbiasRx1
Ω
Rin-DP-standby
Input res in DP standby mode
78k to VbiasRx
Ω
Rin-DP-active
Input res in DP active mode
50 to VbiasRx1
Ω
Rin-DP-D3
Input res in DP D3 mode
78k to VbiasRx
Ω
TX Terminal
Rout-pd
Output res at EN=0
78k to VbiasTx
Ω
Rout-Active
Output res at active mode condition
50 to VDD
Ω
Rout-DP-standby
Output res in DP standby mode
78k to VbiasTx
Ω
Rout-DP-active
Output res in DP active mode
50 to VDD
Ω
Rout-DP-D3
Output res in DP D3 mode
78k to VbiasTx
Ω
Notes:
1) The value of Rin will be updated only after the receiver evaluation. Thus, the value can be 50Ω or 78kΩ.
2) The value of Rout will be updated only after the receiver evaluation. Thus, the value can be 50Ω or 6kΩ.
DisplayPort Mode
By default, all channels will go to active mode if HPD bit = 1. The ON/OFF of each DP channel is controlled by the Aux lane count.
Operation Mode
ML_TX_x_n
ML_TX_x_p
Source
Connector
Sink
Connector
Sink
Connector
Tx
Rx
50
50
Vbias_Tx
50
50
Vbias_Rx
Upstream device
Downstream device
ML_TX_x_n
ML_TX_x_p
ML_RX_x_n
ML_RX_x_p
ML_RX_x_n
ML_RX_x_p
Source
Connector
Tx
Rx
50
50
Vbias_Tx
50
50
Vbias_Rx
100k-1M
100k-1M
Figure 2. DisplayPort Main Link Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com