Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2023 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # PI2DPX2023
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button PI2DPX2023 Datasheet HTML 15Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 16Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 17Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 18Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 19Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 20Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 21Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 22Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 23Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2023
20
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2023
Document Number DS43532 Rev 4-2
Carrier Tape
The pocketed carrier tape is made of conductive polystyrene plus carbon material (or equivalent). The surface resistivity is 106Ω/sq.
maximum. Pocket tapes are designed so that the component remains in position for automatic handling after cover tape is removed.
Each pocket has a hole in the center for automated sensing if the pocket is occupied or not, thus facilitating device removal. Sprocket
holes along the edge of the center tape enable direct feeding into automated board assembly equipment. See figures 3 and 4 for carrier
tape dimensions.
Cover Tape
Cover tape is made of anti-static transparent polyester film. The surface resistivity is 107Ω/sq. Minimum to 1011Ω/sq. maximum. The
cover tape is heat-sealed to the edges of the carrier tape to encase the devices in the pockets. The force to peel back the cover tape from
the carrier tape shall be a MEAN value of 20gm to 80gm (2N to 0.8N).
Reel
The device loading orientation is in compliance with EIA-481, current version (Figure 2). The loaded carrier tape is wound onto either
a 13-inch reel (Figure 4) or 7-inch reel. The reel is made of Antistatic High-Impact Polystyrene. The surface resistivity 107Ω/sq. mini-
mum to 1011Ω/sq. maximum.
NOTE: LABELS TO BE PLACED ON
THE REEL OPPOSITE PIN 1
TOP
COVER
TAPE
SPROCKET
HOLE (ROUND)
CARRIER TAPE
EMBOSSED CAVITY
BARCODE LABEL
END
CARRIER TAPE
TRAILER
COVER
TAPE
COMPONENTS
COVER TAPE
START
LEADER
Top Left
PIN 1
ORIENTATION
Top Right
PIN 1
ORIENTATION
Bottom Left
PIN 1
ORIENTATION
Tape & Reel Label Information
Tape Leader and Trailer Pin 1 Orientations
Tape & Reel Materials and Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com