Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2023 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX2023
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX2023 Datasheet HTML 1Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 2Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 3Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 4Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 5Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2023
Document Number DS43532 Rev 4-2
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Ordering Number Package Code Description
PI2DPX2023FLAEX
FLA
32-Pin, W-LGA4528-32
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU
(RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. Seehttps://www.diodes.com/quality/lead-free/formoreinformationaboutDiodes
Incorporated’sdefinitionsofHalogen-andAntimony-free,"Green"andLead-free.
3. Halogen-andAntimony-free"Green”productsaredefinedasthosewhichcontain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
A Product Line of
Diodes Incorporated
PI2DPX2023
b
P
Lead-free Green
Ordering Information
Features
y
4-to-4 linear ReDriver™ channel configuration with CTLE
gain compensation up to 13.8dB @20Gbps
y
Supports 4-lane DP2.0 (UHBR20/UHBR13/UHBR10)/HBR3/
HBR2/HBR/RBR
y
Ultra low latency (< 300ps) for better interoperability and data
throughput
y
4 level controls on CTLE Gain (7.1 to 13.8dB), Flat Gain (-4
to +2dB)
y
Integrated AUX channel listener for D3 power saving mode.
y
Low Power - DisplayPort active - 324mW typical, D3 power
down mode - 1.8mW typical, Disable Power - 27uW typical
y
Single Power Supply: 1.8V +/-5%
y
Industrial Temperature Support: -40oC to +85oC
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
y
Packaging (Pb-free & Green):
à
Tiny 32-pin, WLGA (FLA) 2.85 x 4.5 mm (0.4 mm pitch,
0.7mm max height)
Applications
y
Graphics Add In Cards
y
Laptop, Desktop and AIO PCs
y
Workstation and Servers
y
Docking Station
y
Display Monitors
y
Gaming Console
y
Active Cables
Description
The DIODES™ PI2DPX2023 is a 20Gbps DP2.0/DP1.4 linear
ReDriver in a 4-to-4 configuration operated by a 1.8V pow-
er supply. The device supports UHBR20 (DP2.0 20Gbps),
UHBR13.5 (DP2.0 13.5Gbps), UHBR10 (DP2.0 10Gbps),
HBR3 (DP1.4 8.1Gbps), HBR2 (DP1.2 5.4Gbps), HBR(DP1.1
2.7Gbps) and RBR(DP1.0 1.62Gbps) under various DisplayPo-
rt speeds. With the on-chip AUX channel listener, the device
can automatically monitor the system operation status to en-
ter D3 power saving mode.
The non-blocking linear redriver design ensures that the differ-
ential signals conveying pre-shoot and de-emphasis equaliza-
tion waveforms from the transmitter side to the receiver side
help optimize the overall channel link adjustment conducted
by the system transmitter and receiver that has been equipped
with DFE. The CTLE equalizers are implemented at the inputs
of the redriver to compensate the channel loss and reduce the
ISI jitters. The flat gain adjustments support the eye diagram
opening. The CTLE EQ gains and flat gains are tuned via pin
strap control.
ReDriver is a trademark of Diodes Incorporated.
DIODES is a trademark of Diodes Incorporated in the United States and other countries.
The Diodes logo is a registered trademark of Diodes Incorporated in the United States and other countries.


Similar Part No. - PI2DPX2023

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX2023A DIODES-PI2DPX2023A Datasheet
176Kb / 1P
1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & Pin Strap Control
Rev 2-2 August 2024
PI2DPX2023A DIODES-PI2DPX2023A Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
PI2DPX2023AFLAEX DIODES-PI2DPX2023AFLAEX Datasheet
176Kb / 1P
1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & Pin Strap Control
Rev 2-2 August 2024
More results

Similar Description - PI2DPX2023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
PI2EQX510E PERICOM-PI2EQX510E Datasheet
610Kb / 1P
1.8V 5.0Gbps, 1-Channel, USB3.0 ReDriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A_V01 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com