Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2023 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # PI2DPX2023
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button PI2DPX2023 Datasheet HTML 12Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 14Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 15Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 16Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 17Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 18Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 19Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2023
16
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2023
Document Number DS43532 Rev 4-2
JBERT (No Pre-emphasis)
Oscilloscope
Trace Card
Trace Card
Char Board(DUT)
Ch1
Ch2
Ch1
Ch2
SMA
cable
SMA
cable
SMA
cable
DUT
1) Trace card between TP1 and TP2 is designed to emulate 6-48” of FR4. Trace width -4 mils,100Ω differnetial impedance
2) All jitter is measured at a BER of 10-9
3) Residual jitter reflects the total jitter measured at TP4 jitter minus TP1 jitter
4) VDD = 1.8V, RT = 50Ω
5) The input signal from JBERT does not have any pre-emphasis.
TP1
TP2
TP3
TP4
Figure 9. Channel Measurement Setup
ML_TX_x_n
ML_TX_x_p
Source
Connector
Sink
Connector
Sink
Connector
Tx
Rx
50
50
Vbias_Tx
50
50
Vbias_Rx
Upstream device
Downstream device
ML_TX_x_n
ML_TX_x_p
ML_RX_x_n
ML_RX_x_p
ML_RX_x_n
ML_RX_x_p
Source
Connector
Tx
Rx
50
50
Vbias_Tx
50
50
Vbias_Rx
100k-1M
100k-1M
Figure 10. High-speed Channel Test Circuit
OUTxP
OUTxN
OUTyP
OUTyN
Output Intra-Pair Skew
50%
Output Inter-Pair Skew
Figure 11. Intra and Inter-pair Differential Skew Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com