Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2023 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI2DPX2023
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2023 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI2DPX2023 Datasheet HTML 1Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 2Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 3Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 4Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 5Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2023 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2023
2
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2023
Document Number DS43532 Rev 4-2
Date
Revision
Description
March 2021
1
Preliminary Datasheet Release
Updated Pin Description & Block Diagram
April 2021
2
Update Pin Description
October 2021
3
Updated Section Description, Feature
Updated Section Pin Description
Updated Section CTLE Equalization, Flat Gain, and Chip Enable Control
Updated Section Power Consumption
Updated Section AC/DC Specifications
July 2022
4
Datasheet Release
Updated Graphics Add In Card Application
Updated Section Pin Description
Updated Section Part Marking
Updated Section Packaging Mechanical
Updated Figure 9 Channel Measurement Setup
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com