Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT932Q-R Datasheet(PDF) 2 Page - Bridgetek Pte Ltd.

Part # FT932Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT932Q-R Datasheet(HTML) 2 Page - Bridgetek Pte Ltd.

  FT932Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
Copyright © Bridgetek Pte Ltd
2
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
1
Typical Applications
Companion with FT81x for multi-screen
display
USB to multiple interface bridging (up to 15
end points)
Motor drive and application control
E-meter
DAQ System Industrial automation
Medical appliances
Instrumentation
1.1
Part Numbers
Part Number
Package
FT930Q-X
68 Pin QFN, pitch 0.4mm, body 8mm x 8mm x 0.85mm, supports ADC/DAC,
SD-Card, and RTC features.
FT931Q-X
56 Pin QFN, pitch 0.5mm, body 8mm x 8mm x 0.85mm, supports ADC/DAC,
SD-Card, and RTC features.
FT932Q-X
48 Pin QFN, pitch 0.5mm, body 7mm x 7mm x 0.85mm, supports ADC/DAC
and SD-Card features, no RTC feature.
FT933Q-X
48 Pin QFN, pitch 0.5mm, body 7mm x 7mm x 0.85mm, supports ADC feature,
no SD-Card and no RTC features.
Table 1-1 FT93x Series Part Numbers
Packaging codes for X:
Packaging Code
Part
Packing
Qty
-R
FT93x
Tape and Reel
3000
-T
FT930
FT931
Tray Packing
348
FT932
FT933
Tray Packing
260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com