Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT932Q-R Datasheet(PDF) 34 Page - Bridgetek Pte Ltd.

Part # FT932Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT932Q-R Datasheet(HTML) 34 Page - Bridgetek Pte Ltd.

Back Button FT932Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Copyright © Bridgetek Pte Ltd
34
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Function
Address Memory Range
Comment
UART 2 registers
0x10540
0x1054F
B
UART 3 registers
0x10550
0x1055F
B
Timers (include Watchdog)
registers
0x10560
0x1056F
B
PWM registers
0x105B0
0x105EF
Registers: B access
FIFO: W access
SD Host Controller registers
0x10600
0x107FF
DW
Flash Controller registers
0x10800
0x108BF
B
Reserved
0x108C0
0x130FF
-
Table 4-2 FT93x Series I/O Memory Mapping
[Note] DW/W/B is the lengths of register operations.
DW:
Double Word (32-bit)
W:
Word (16-bit)
B:
Byte (8-bit)
4.8
USB2.0 Device Contoller
The USB 2.0 Device controller is fully compliant with the USB2.0 specification. There is also an option to
enable a battery charger detection (BCD) feature on the upstream port, which can identify whether the
connected downstream port supports SDP, CDP or DCP charging function. Battery charge detection allows
the USB Device to determine if higher currents may be available from the USB connection for rapid
battery charging.
When the D2XX hardware engine is enabled, the USB Device is under the controller of the D2XX
hardware engine, the data transfer to USB from the FT93x is via a FIFO interface.
4.8.1 Features
Supports data transfer at hi-speed (480 Mbit/s) and full-speed (12 Mbit/s).
Software configurable EP0 control endpoint size 8-64 bytes.
Software configurable 15 In/Out endpoints.
EP1-EP15 has double buffering with 8,128B buffers.
Supports Isochronous/Interrupt/Control/Bulk data transfers.
Max endpoint packet sizes up to 1024 bytes.
Supports VBUS detection.
Supports suspend and resume power management functions.
Supports remote wakeup feature.
Supports Battery Charging specification revision 1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com