Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT932Q-R Datasheet(PDF) 21 Page - Bridgetek Pte Ltd.

Part # FT932Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT932Q-R Datasheet(HTML) 21 Page - Bridgetek Pte Ltd.

Back Button FT932Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Copyright © Bridgetek Pte Ltd
21
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Pin
No.
Name
Type
Description
SD card data bus line 3 input/output.
33
PWM4/SD_WP/GPIO7
I/O
GPIO7 input/output. (By default is GPIO input,
internal pull-low)
PWM channel 4, output.
SD card write protection input.
34
VCC1V2
P
+1.2V core voltage.
This is internal regulator output and core voltage
input. Connect 4.7uF and 0.1uF decoupling
capacitors to GND.
35
VCCIO3V3
P
+3.3V supply voltage.
This is the supply voltage for all the I/O ports.
Connect a 0.1uF decoupling capacitor.
36
XI/CLKIN
AI
12MHz clock frequency. Input to the Oscillator
circuit.
37
XIO
AI/O
Output from the Oscillator amplifier. Input to the
internal clock generator circuit.
38
VCC1V2
P
+1.2V core voltage.
This is internal regulator output and core voltage
input. Connect 4.7uF and 0.1uF decoupling
capacitors to GND.
39
VUSB3V3
P
+3.3V supply voltage.
This is the supply voltage for USB Device I/O ports.
Connect 10uF and 0.1uF decoupling capacitors. This
pin can be connected to all +3.3V power supply pins
without the 10uF capacitor.
40
D_DM
AI/O
USB Device bidirectional DM line.
41
D_DP
AI/O
USB Device bidirectional DP line.
42
DRREF
AI
USB Device reference voltage input.
Connect 12k ohm +/- 1% resistor to GND.
43
ADC3
AI
8-bit A/D converter 3, input.
44
ADC2
AI
8-bit A/D converter 2, input.
45
ADC1
AI
8-bit A/D converter 1, input.
46
ADC_REFP
P
ADC positive reference voltage.
47
VCC3V3A
P
+3.3V supply voltage.
This is the supply voltage for Analog I/O ports.
Connect 10uF and 0.1uF decoupling capacitors. This
pin can be connected to all VCC3V3 pins without the
10uF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com