Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT932Q-R Datasheet(PDF) 23 Page - Bridgetek Pte Ltd.

Part # FT932Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT932Q-R Datasheet(HTML) 23 Page - Bridgetek Pte Ltd.

Back Button FT932Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
Copyright © Bridgetek Pte Ltd
23
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
3.7
FT932 Pin Description
Pin
No.
Name
Type
Description
1
UART0_RXD/PWM3/
GPIO22
I/O
GPIO22 input/output. (By default is GPIO input,
internal pull-low)
Receiver input for UART0.
PWM channel 3, output.
2
UART0_TXD/PWM2/
GPIO23
I/O
GPIO23 input/output. (By default is GPIO input,
internal pull-low)
Transmitter output for UART0.
PWM channel 2, output.
3
UART0_RTS/PWM1/
GPIO24
I/O
GPIO24 input/output. (By default is GPIO input,
internal pull-low)
Request to send output for UART0.
PWM channel 1, output.
4
UART0_CTS/PWM0/
GPIO25
I/O
GPIO25 input/output. (By default is GPIO input,
internal pull-low)
Clear to send input for UART0.
PWM channel 0, output.
5
UART0_DTR/UART1_RXD/
GPIO26
I/O
GPIO26 input/output. (By default is GPIO input,
internal pull-low)
Data terminal ready output for UART0.
Receiver input for UART1.
6
UART0_DSR/UART1_TXD/
GPIO27
I/O
GPIO27 input/output. (By default is GPIO input,
internal pull-low)
Data set ready input for UART0
Transmitter output for UART1.
7
UART0_DCD/UART1_RTS/
GPIO28
I/O
GPIO28 input/output. (By default is GPIO input,
internal pull-low)
Data carrier detection input for UART0.
Request to send output for UART1.
8
UART0_RI/UART1_CTS/
SPIM_SS0/GPIO29
I/O
GPIO29 input/output. (By default is GPIO input,
internal pull-low)
Ring indicator input for UART0.
Clear to send input for UART1.
Slave select 0 output for SPI master.
9
VCCIO3V3
P
+3.3V supply voltage.
This is the supply voltage for all the I/O ports.
Connect a 0.1uF decoupling capacitor.
10
GND
P
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com