Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT932Q-R Datasheet(PDF) 38 Page - Bridgetek Pte Ltd.

Part # FT932Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT932Q-R Datasheet(HTML) 38 Page - Bridgetek Pte Ltd.

Back Button FT932Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT932Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Copyright © Bridgetek Pte Ltd
38
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
4.16
SD Host Controller
The FT93x series contains one SD Host controller offering access to external large capacity non-volatile
memory.
4.16.1 Features
Compliant with SD Host controller standard specification, version 3.0.
Supports both streaming and non-streaming data transfers.
Compliant with SD physical layer specification, version 3.0.
Supports configurable SD bus modes: 4-bit mode and 8-bit mode.
Compliant with SDIO card specification, version 2.0.
Support 4K SRAM for data FIFO.
Supports configurable 1-bit/4-bit SD card bus.
Configurable CPRM function for security.
Built-in generation and check for 7-bit and 16-bit CRC data.
Card detection (Insertion/Removal).
Supports read wait mechanism for SDIO function.
Supports suspend/resume mechanism for SDIO function.
4.17
Analog to Digital Converter (ADC)
The FT93x series has a low-power, high-speed, successive approximation Analog-to-Digital Converter
(ADC) that supports 8-bit resolution and maximum sampling frequency up to 460kSPS.
This ADC accepts analog inputs ranging from the ground supply to the power supply. This ADC can be
used in various low-power and medium-resolution applications.
4.17.1 Features
8-bit successive approximation ADC.
Three-channel analog input ADC1/2/3.
Individual channels can be selected for conversion.
Power-down mode support.
Maximum conversion rate of up to 460kSPS.
Measurement range 0 to VCC3V3A, by default the range voltage is 10% off of VCC3V3A. See
Table 5-7.
INL: +/-1LSB (max).
DNL: +/-1LSB (max).
4.18
Digital to Analog Converter (DAC)
The FT93x series has two 10-bit, 1 MSPS Digital-to-Analog converter (DAC). It includes digital logic for
registering the DAC value and a unity-gain buffer capable of driving off-chip. The module can also be
switched to a power-down state where it consumes a minimum amount of current.
4.18.1 Features
Two 10-bit DACs (DAC0/1).
10-bit R2R DAC ladder structure.
Buffered output.
Power-down mode support.
Programmable conversion rate, the maximum rate is 1MHz.
Selectable output drive.
INL: +/-1.5LSB (max).
DNL: +/-1LSB (max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com