Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT903Q-R Datasheet(PDF) 19 Page - Bridgetek Pte Ltd.

Part # FT903Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT903Q-R Datasheet(HTML) 19 Page - Bridgetek Pte Ltd.

Back Button FT903Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
Copyright © Bridgetek Pte Ltd
19
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No.: BRT_000172 Clearance No.: BRT#087
Pin
No.
Name
Type
Description
48
PWM1/GPIO57
I/O
GPIO57 input/output. (By default is GPIO input, internal pull-low)
PWM channel 1, output.
A stereo 16/8-bit PCM audio data channel output.
49
PWM2/GPIO58
I/O
GPIO58 input/output. (By default is GPIO input, internal pull-low)
PWM channel 2, output.
50
I2S_SDAO/GPIO60
I/O
GPIO60 input/output. (By default is GPIO input, internal pull-low)
Serial data line output for I2S master or slave.
51
I2S_SDAI/GPIO61
I/O
GPIO61 input/output. (By default is GPIO input, internal pull-low)
Serial data line input for I2S master or slave.
52
I2S_BCLK/GPIO62
I/O
GPIO62 input/output. (By default is GPIO input, internal pull-low)
Bit clock line output for I2S master transmitter or input for I2S slave
receiver.
53
I2S_LRCLK/GPIO63
I/O
GPIO63 input/output. (By default is GPIO input, internal pull-low)
Left / Right clock line output for I2S master transmitter or input for I2S
slave receiver.
54
I2S_MCLK/GPIO64
I/O
GPIO64 input/output. (By default is GPIO input, internal pull-low)
I2S master transmitter clock output.
55
I2SM_CLK22/GPIO65
I/O
GPIO65 input/output. (By default is GPIO input, internal pull-low)
I2S master external 22.5792MHz clock input.
56
I2SM_CLK24/GPIO66
I/O
GPIO66 input/output. (By default is GPIO input, internal pull-low)
I2S master external 24.576MHz clock input.
57
VBUS_DISCHG/GPIO0
I/O
GPIO0 input/output. (By default is GPIO input, internal pull-high)
USB host VBUS discharge.
58
OC_N/GPIO1
I/O
GPIO1 input/output. (By default is GPIO input, internal pull-high)
USB host port over current status output. Active low.
59
PSW_N/GPIO2
I/O
GPIO2 input/output. (By default is GPIO input, internal pull-high)
USB host port external VBUS power switcher. Active low.
60
VBUS_DTC/GPIO3
I/O
GPIO3 input/output. (By default is GPIO input, internal pull-low)
USB device VBUS detection.
61
ENET_LED0/GPIO4
I/O
GPIO4 input/output. (By default is GPIO input, internal pull-low)
Ethernet activity indicator LED 0.[2]
62
ENET_LED1/GPIO5
I/O
GPIO5 input/output. (By default is GPIO input, internal pull-low)
Ethernet activity indicator LED 1.[2]
63
VOUT1
P
+1.2V Regulator power output.
This is internal regulator output. Connect 4.7uF and 0.1uF decoupling
capacitors to GND.
This pin must be connected to pins 32 and 67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com