Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT903Q-R Datasheet(PDF) 3 Page - Bridgetek Pte Ltd.

Part # FT903Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT903Q-R Datasheet(HTML) 3 Page - Bridgetek Pte Ltd.

  FT903Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
Copyright © Bridgetek Pte Ltd
3
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No.: BRT_000172 Clearance No.: BRT#087
1
Typical Applications
Home security system
Home Automation
Embedded audio application
Motor drive and application control
E-meter
CCTV monitor
Industrial automation
Medical appliances
Instrumentation
DAQ System
1.1
Part Numbers
Part Number
Package
FT900Q-X
100 Pin QFN, pitch 0.4mm, body 12mm x 12mm x 0.75mm, support both CAN
Bus and Ethernet features.
FT900L-X
100 Pin LQFP, pitch 0.5mm, body 14mm x 14mm x 1.40mm, support both CAN
Bus and Ethernet features.
FT901Q-X
100 Pin QFN, pitch 0.4mm, body 12mm x 12mm x 0.75mm, support Ethernet,
doesn’t support CAN Bus.
FT901L-X
100 Pin LQFP, pitch 0.5mm, body 14mm x 14mm x 1.40mm, support Ethernet,
doesn’t support CAN Bus.
FT902Q-X
100 Pin QFN, pitch 0.4mm, body 12mm x 12mm x 0.75mm, support CAN Bus,
doesn’t support Ethernet.
FT902L-X
100 Pin LQFP, pitch 0.5mm, body 14mm x 14mm x 1.40mm, support CAN Bus,
doesn’t support Ethernet.
FT903Q-X
100 Pin QFN, pitch 0.4mm, body 12mm x 12mm x 0.75mm, doesn’t support
both CAN Bus and Ethernet features.
FT903L-X
100 Pin LQFP, pitch 0.5mm, body 14mm x 14mm x 1.40mm, doesn’t support
both CAN Bus and Ethernet features.
Table 1-1 - FT900/1/2/3 Series Part Numbers
Common Interfaces on all packages include: USB Host, USB Device, SPI, UART, ADC, DAC, I2S, PWM,
RTC, Timers/Watchdog, and Interrupt Controller.
Note: Packaging codes for X is:
-R: Tape and Reel (Qty per reel is 1000)
-T: Tray packing (Qty per tray for LQFP is 90, qty per tray for QFN is 152)
1.2
USB2.0 Compliant
The FT900/1/2/3 series contains a USB2.0 host controller and device controller that both are compliant
with the USB 2.0 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com