Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT903Q-R Datasheet(PDF) 27 Page - Bridgetek Pte Ltd.

Part # FT903Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT903Q-R Datasheet(HTML) 27 Page - Bridgetek Pte Ltd.

Back Button FT903Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
Copyright © Bridgetek Pte Ltd
27
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
4.8.1 Features
Supports data transfer at hi-speed (480 Mb/s) and full-speed (12 Mb/s).
Software configurable EP0 control endpoint size 8-64 bytes
Software configurable 7 IN/OUT endpoints.
EP1-EP7 has double buffering which contains 2kB IN and 2kB OUT buffers.
Supports the Isochronous/Interrupt/Control/Bulk data transfers.
Supports high-bandwidth isochronous IN transaction
Max endpoint packet sizes upon 1024 bytes.
Supports VBUS detection.
Supports suspend and resume power management functions.
Supports remote wakeup feature.
Supports Battery Charging specification revision 1.2.
4.9
Ethernet Controller
The Ethernet controller contains an on-chip 10/100BASE-TX Ethernet transceiver and Media Access
Control (MAC) designed to provide high performance of frame transmission and reception. The Ethernet
transceiver is compliant with 10/100BASE-TX Ethernet standards, such as IEEE802.3/802.3u and ANSI
X3.263-1995, and MAC protocol refers to an IEEE standard 802.3-2000.
4.9.1 Features
10/100 Mbps data transfer.
Conforms to IEEE 802.3-2002 specification.
Supports full-duplex and half-duplex modes.
-
Supports CSMA/CD protocol for half-duplex operation.
-
Supports IEEE802.3x flow control for full-duplex operation.
Programmable MAC address.
CRC-32 algorithm calculates the FCS nibble at a time, automatic FCS generation and checking,
able to capture frames with CRC errors if required.
Promiscuous mode support.
Station Management (STA) entity included.
Supports double buffering for 2kB TX and 4kB RX memory.
Two LED indicators used by Ethernet multi-function.
4.10
CAN Bus Controller
The FT900/1/2/3 series contains two CAN controllers, CAN0 and CAN1. Controller Area Network (CAN) is
a high performance communication protocol for serial data communication. It is widely used in
automotive and industrial applications. However this is expanding due to its reliability and feasibility. CAN
bus use a multi-master bus scheme with one logic bus line and equal nodes. The number of nodes is not
limited by the protocol. Nodes do not have specific addresses. Instead, message identifiers are used,
indicating the message content and priority of the message. FT900 CAN bus controllers support
multicasting and broadcasting with an external CAN transceiver.
4.10.1
Features
Conforms to protocol version 2.0 parts A and B.
Supports bit rates of up to 1 Mb/s.
Supports standard (11-bit identifier) and extended (29-bit identifier) frames.
Support hardware message filtering with dual/single filters.
64 Bytes receiver and 16 Bytes transmitter FIFO.
No overload frames are generated.
Supports normal and listen-only modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com