Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT903Q-R Datasheet(PDF) 16 Page - Bridgetek Pte Ltd.

Part # FT903Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT903Q-R Datasheet(HTML) 16 Page - Bridgetek Pte Ltd.

Back Button FT903Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
Copyright © Bridgetek Pte Ltd
16
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No.: BRT_000172 Clearance No.: BRT#087
3.3
Pin Description
Pin
No.
Name
Type
Description
1
CAN1_TXD/CAM_D0/GPIO17
I/O
GPIO17 input/output. (By default is GPIO input, internal pull-low)
Camera data 0 input.
CAN1 transmitter output. [1]
2
CAN1_RXD/GPIO18
I/O
GPIO18 input/output. (By default is GPIO input, internal pull-low)
CAN1 receiver input.[1]
3
SD_CLK/GPIO19
I/O
GPIO19 input/output. (By default is GPIO input, internal pull-low)
SD card serial clock output.
4
SD_CMD/GPIO20
I/O
GPIO20 input/output. (By default is GPIO input, internal pull-low)
SD card command signal input/output.
5
SD_DATA3/GPIO21
I/O
GPIO21 input/output. (By default is GPIO input, internal pull-low)
SD card data bus line 3 input/output.
6
SD_DATA2/GPIO22
I/O
GPIO22 input/output. (By default is GPIO input, internal pull-low)
SD card data bus line 2 input/output.
7
SD_DATA1/GPIO23
I/O
GPIO23 input/output. (By default is GPIO input, internal pull-low)
SD card data bus line 1 input/output.
8
SD_DATA0/GPIO24
I/O
GPIO24 input/output. (By default is GPIO input, internal pull-low)
SD card data bus line 0 input/output.
9
SD_CD/GPIO25
I/O
GPIO25 input/output. (By default is GPIO input, internal pull-low)
SD card detect input.
10
SD_WP/GPIO26
I/O
GPIO26 input/output. (By default is GPIO input, internal pull-low)
SD card write protection input.
11
SPIM_CLK/GPIO27
I/O
GPIO27 input/output. (By default is GPIO input, internal pull-low)
Serial clock output for SPI master.
12
SPIM_SS0/GPIO28
I/O
GPIO28 input/output. (By default is GPIO input, internal pull-low)
Slave select 0 output for SPI master.
13
SPIM_MOSI/GPIO29
I/O
GPIO29 input/output. (By default is GPIO input, internal pull-low)
Master out slave in for SPI master.
Data line 0 input/output for SPI master dual & quad mode.
14
SPIM_MISO/GPIO30
I/O
GPIO30 input/output. (By default is GPIO input, internal pull-low)
Master in slave out for SPI master.
Data line 1 input/output for SPI master dual & quad mode.
15
SPIM_IO2/GPIO31
I/O
GPIO31 input/output. (By default is GPIO input, internal pull-low)
Data line 2 input/output for SPI master quad mode.
16
SPIM_IO3/GPIO32
I/O
GPIO32 input/output. (By default is GPIO input, internal pull-low)
Data line 3 input/output for SPI master quad mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com