Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT903Q-R Datasheet(PDF) 1 Page - Bridgetek Pte Ltd.

Part # FT903Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT903Q-R Datasheet(HTML) 1 Page - Bridgetek Pte Ltd.

  FT903Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT903Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Copyright © Bridgetek Pte Ltd
1
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No.: BRT_000172 Clearance No.: BRT#087
Bridgetek Pte Ltd
FT900/1/2/3 Revision C
(Embedded Microcontroller)
The FT90x series includes the FT900, FT901, FT902
and FT903 which are complete System-On-Chip 32-
bit RISC microcontrollers for embedded applications
featuring a high level of integration and low power
consumption. It has the following features:
High performance, low power 32-bit FT32 core
processor, running at a frequency of 100MHz.
256kB on-chip Flash memory.
256kB on-chip shadow program memory.
True Zero Wait States (0WS) up to 3.1 DMIPS
per MHz performance.
64kB on-chip data memory.
OTP memory for security configuration.
Integrated Phase-Locked Loop (PLL) supports
external 12MHz crystal and direct external clock
source input.
32.768 kHz Real Time Clock (RTC) support.
Power-On Reset (POR).
One USB2.0 EHCI compatible host controller
supports high-speed (480 Mbit/s), full-speed
(12 Mbit/s), and low-speed (1.5 Mbit/s).
One USB2.0 device controller supports high-
speed (480 Mbit/s) and full-speed (12 Mbit/s).
USB2.0 host and device controllers support the
Isochronous,
Interrupt,
Control,
and
Bulk
transfers.
USB2.0 device controller supports the high-
bandwidth isochronous IN transaction.
10/100 Mbps Ethernet that is compliant with the
IEEE 802.3/802.3u standards. (FT900 and
FT901 only).
Supports One-Wire debugger for downloading
firmware to Flash memory or shadow program
memory, and supports a software debugger.
Two CAN controllers support CAN protocol 2.0
parts A & B, data rate is up to 1 Mbit/s. (FT900
and FT902 only).
One SPI master supports single / dual / quad
modes of data transfer. The clock rate is up to
50 MHz.
Two SPI slaves support single data transfer
with 25MHz clock.
Two I2C bus interfaces (one master and one
slave) which support standard / fast / fast plus
/ high speed mode data transfers of up to 3.4
Mbit/s. Clock stretching is supported.
I2S bus interface can be configured as master
or slave. Two clock input options (24.576 MHz
and 22.5792 MHz) to support I2S master mode
for different audio sample rates.
UART interface can be configured as one full
programmable UART0 or two simple interfaces,
UART0 and UART1 with CTS / RTS control
function.
Four user timers with individual pre-scaler and
a watchdog function.
8-bit parallel data interface supports camera
data capturing.
Supports
7
independent
PWM
channels.
Channel 0 and 1 can be configured as PCM 8-
bit/16-bit stereo audio output.
SD host controller is compliant with standard
specification V3.0/SDIO specification V2.0/MMC
card specification V4.3. It supports up to 50
MHz SD clock speed and software supports SD
card format in SD/SDHC/SDXC.
Supports two 10-bit DAC 0/1 channels output,
sample rate at ~1 MS/s.
Supports seven 10-bit ADC 1/7 channels input,
sample rate is up to ~960 kS/s.
Single 3.3 volt power supply and built-in 1.2 V
regulators.
3.3 volt I/O power supply.
Supports USB Battery Charging Specification
Rev 1.2. Downstream port can be configured as
SDP, CDP or DCP. Upstream port can perform
BCD mode detection.
Supports VBUS power switching and over
current control.
-40°C to 85°C extended operating temperature
range.
Available in compact Pb-free 100-Pin packages
(all RoHS compliant).


Similar Part No. - FT903Q-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT900 FTDI-FT900 Datasheet
1Mb / 58P
The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
logo
Hammond Manufacturing L...
FT900HA1220BK HAMMOND-FT900HA1220BK Datasheet
610Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FT900HA1BK HAMMOND-FT900HA1BK Datasheet
633Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FT900TA1220BK HAMMOND-FT900TA1220BK Datasheet
606Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FT900TA1BK HAMMOND-FT900TA1BK Datasheet
635Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - FT903Q-R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH77790B SHARP-LH77790B Datasheet
202Kb / 32P
Embedded Microcontroller Thermal & Electrical Specification
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
SAMD20J ATMEL-SAMD20J Datasheet
3Mb / 586P
ARM-Based Embedded Flash Microcontroller
ATA5790N ATMEL-ATA5790N_14 Datasheet
376Kb / 8P
Embedded AVR Microcontroller Including Complete LF
ATA5791 ATMEL-ATA5791_14 Datasheet
360Kb / 8P
Embedded AVR Microcontroller Including RF Transmitter
ATA5795C ATMEL-ATA5795C_14 Datasheet
388Kb / 8P
Embedded AVR Microcontroller Including RF Transmitter
logo
STMicroelectronics
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
In general the ADC embedded in the ST7 microcontroller
13-Sep-2005
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
In general the ADC embedded in the ST7 microcontroller
23-Aug-2007
STEVAL-CDE001V1 STMICROELECTRONICS-STEVAL-CDE001V1 Datasheet
265Kb / 7P
Embedded web server based on the ST72F321M9 microcontroller
January 2008 Rev 1
logo
Bridgetek Pte Ltd.
FT930Q BRIDGETEK-FT930Q Datasheet
939Kb / 65P
Embedded Microcontroller
Version 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com