Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900L-R Datasheet(PDF) 20 Page - Bridgetek Pte Ltd.

Part # FT900L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900L-R Datasheet(HTML) 20 Page - Bridgetek Pte Ltd.

Back Button FT900L-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 24Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
Copyright © Bridgetek Pte Ltd
20
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No.: BRT_000172 Clearance No.: BRT#087
Pin
No.
Name
Type
Description
64
VCCIO3V3
P
+3.3V supply voltage.
This is the supply voltage for all the I/O ports. Connect a 0.1uF
decoupling capacitor. This pin must be connected to pin 33 and pin 46.
65
XI/CLKIN
AI
12MHz clock frequency input to the Oscillator circuit or to internal clock
generator circuit.
66
XIO
AO
Output from the Oscillator amplifier.
67
VCC1V2
P
+1.2V Regulator power supply for USB.
Provide +1.2V power to this pin. This pin must be connected to pin 63.
Connect 0.1uF decoupling capacitor.
68
VUSB3V3
P
+3.3V supply voltage.
This is the supply voltage for USB device and host I/O ports. Connect
10uF and 0.1uF decoupling capacitors. This pin could be connected to
all +3.3V power supply pins without 10uF capacitor.
69
D_DM
AI/O
USB device bidirectional DM line.
70
D_DP
AI/O
USB device bidirectional DP line.
71
DRREF
AI
USB device reference voltage input.
Connect 12Kohm +/- 1% resistor to GND.
72
H_DM
AI/O
USB host bidirectional DM line.
73
H_DP
AI/O
USB host bidirectional DP line.
74
AGND
P
Analog Ground
75
HRREF
AI
USB host reference voltage input.
Connect a 12 kΩ ± 1% resistor to GND.
76
VETH3V3
P
+3.3V supply voltage.
This is the supply voltage for Ethernet I/O ports. Connect 10uF and
0.1uF decoupling capacitors. This pin could be connected to all +3.3V
power supply pins without 10uF capacitor.
77
VOUT2
P
+1.2V Regulator power supply.[2]
This is an internal regulator output. Connect 0.1uF decoupling
capacitors.
78
EREFSET
AI
Ethernet reference voltage input.[2]
Connect a 12.3 kΩ ± 1% resistor to GND.
79
VETH3V3
P
+3.3V supply voltage.
This is the supply voltage for Ethernet I/O ports. Connect a 0.1uF
decoupling capacitor. This pin must be connected to pin 76.
80
RXIP
I
Ethernet receive data positive input.[2]
Differential receive signal pair.
81
RXIN
I
Ethernet receive data negative input.[2]
Differential receive signal pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com