Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900L-R Datasheet(PDF) 54 Page - Bridgetek Pte Ltd.

Part # FT900L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900L-R Datasheet(HTML) 54 Page - Bridgetek Pte Ltd.

Back Button FT900L-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 51Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 54Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 55Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 56Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 57Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 58Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
Copyright © Bridgetek Pte Ltd
54
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
The FT900/1/2/3 System shall provide I/O power (+3.3V supply) on VUSB3V3 and core power (+1.2V
supply) on VCC1V2 for the USB 2.0 device / host controller. The internal band-gap gets a reference
voltage from DRREF or HRREF with an external reference resistor R (12 KΩ ±1%) respective connected
to GND.
The USB 2.0 host control will provide a +5V power voltage output for VBUS and go through the PSW_N
signal to control power switching on/off.
6.5
10/100 Mb/s Ethernet Interface
Figure 6-7 shows the 10/100 Mb/s Ethernet port configuration via the transmit (TXON & TXOP) and
receive (RXIN & RXIP) differential pair pins.
Figure 6-7 - 10/100Mbps Ethernet Interface
The FT900/1/2/3 Ethernet connection to a termination network should go through a 1:1 magnetics
transformer and an RJ-45. For space saving, the magnetics and RJ-45 may be a single integrated
component. The system shall provide +3.3V power supply for VETH3V3. The internal regulator will
generate +1.2V output on VOUT2. The EREFSET connects an external resistor R (12.3 kΩ ±1%) to GND
to provide a reference voltage for the Ethernet transceiver.
There are two Ethernet LEDs output for TX/RX transmission, Full-duplex/Half-duplex, Collision, Link or
10/100 Mb/s Speed indication. The required function should be set in the chip registers before using the
LED indicator.
RXIN (81)
RXIP (80)
RJ45
10/100 Mb/s
Ethernet
RD-
TXON (83)
TXOP (82)
GND
EREFSET (78)
R
FT900
ENET_LED1/GPIO5 (62)
ENET_LED0/GPIO4 (61)
R
R
R
R
R
C
VETH3V3
VETH3V3
1:1 Magnetics
Transformer
RD+
TD-
TD+
NC
NC
NC
NC
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com