Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900L-R Datasheet(PDF) 29 Page - Bridgetek Pte Ltd.

Part # FT900L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900L-R Datasheet(HTML) 29 Page - Bridgetek Pte Ltd.

Back Button FT900L-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 33Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Copyright © Bridgetek Pte Ltd
29
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
4.14
I2C Interface
The FT900/1/2/3 series supports an I2C bus controller which is a bidirectional two wire interface. The two
wires are Serial Clock line (SCL) and Serial Data line (SDA). The interface can be programed to operate
with arbitration and clock synchronization allowing it to operate in multi-master systems. I2C0 and I2C1
support transmission speed up to 3.4Mb/s.
4.14.1
Features
Conforms to v2.1 and v3.0 of the I2C specification.
-
UM10204 I2C-bus specification and user manual Rev. 6 – 4 April 2014
Support flexible transmission speed modes:
-
Standard (up to 100 kb/s)
-
Fast (up to 400 kb/s)
-
Fast-plus (up to 1 Mb/s)
-
High-speed (up to 3.4 Mb/s)
One I2C Master and one I2C Slave interface with switchable pins are available.
Perform arbitration and clock synchronization.
Multi-master systems supported.
Support both 7-bit and 10-bit addressing modes on the I2C bus.
Support clock stretching.
4.15
UART Interface
The FT900/1/2/3 series contains two UART controllers with standard transmit and receive data lines.
UART0 provides a full modem control handshake interface and support for 9-bit data, allowing automatic
address detection while 9-bit data mode is enabled.
UART1 is a simplified programmable serial interface with CTS and RTS flow control logic. The signals are
multiplexed with UART0 and can only be used if UART0 is used in simple mode (CTS/RTS only).
4.15.1
Features
Maximum UART data bit rate of 8 Mb/s.
Support UART mode and FIFO mode operation.
16 / 128 bytes FIFO for TX and RX in FIFO mode to reduce the interrupt frequency.
Software compatible with 16450, 16550, 16750 and 16950 industry standard.
Modem control function (CTS, RTS, DSR, DTR, RI, and DCD) support for UART0.
Programmable automatic out-of- band flow control logic through Auto-RTS and Auto-CTS.
Programmable automatic flow control logic using DTR and DSR.
Programmable automatic in-band flow control logic using XON/XOFF characters.
Support external RS-485 buffer enable.
Fully programmable serial interface characteristics:
-
5-, 6-, 7-, 8-, or 9-bit data characters
-
Even, Odd, or No-parity bit generation and detection
-
1-, 1.5- or 2-stop bit generation
-
Baud rate generation
-
Detection of bad data in Receive FIFO
Support Transmitter and Receiver disable capability.
4.16
Timers and Watchdog Timer
The FT900/1/2/3 series has four 16-bit user timers with individual pre-scaler and a 32-bit watchdog
feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com