Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900L-R Datasheet(PDF) 17 Page - Bridgetek Pte Ltd.

Part # FT900L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900L-R Datasheet(HTML) 17 Page - Bridgetek Pte Ltd.

Back Button FT900L-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 21Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
Copyright © Bridgetek Pte Ltd
17
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No.: BRT_000172 Clearance No.: BRT#087
Pin
No.
Name
Type
Description
17
SPIM_SS1/GPIO33
I/O
GPIO33 input/output. (By default is GPIO input, internal pull-low)
Slave select 1 output for SPI master.
18
SPIM_SS2/GPIO34
I/O
GPIO34 input/output. (By default is GPIO input, internal pull-low)
Slave select 2 output for SPI master.
19
SPIM_SS3/GPIO35
I/O
GPIO35 input/output. (By default is GPIO input, internal pull-low)
Slave select 3 output for SPI master.
20
SPIS0_CLK/GPIO36
I/O
GPIO36 input/output. (By default is GPIO input, internal pull-low)
Serial clock input for SPI slave 0.
21
SPIS0_SS/GPIO37
I/O
GPIO37 input/output. (By default is GPIO input, internal pull-low)
Slave select input for SPI slave 0.
22
SPIS0_MOSI/GPIO38
I/O
GPIO38 input/output. (By default is GPIO input, internal pull-low)
Master out slave in for SPI slave 0.
23
SPIS0_MISO/GPIO39
I/O
GPIO39 input/output. (By default is GPIO input, internal pull-low)
Master in slave out for SPI slave 0.
24
SPIS1_CLK/GPIO40
I/O
GPIO40 input/output. (By default is GPIO input, internal pull-low)
Serial clock input for SPI slave 1.
25
SPIS1_SS/GPIO41
I/O
GPIO41 input/output. (By default is GPIO input, internal pull-low)
Slave select input for SPI slave 1.
26
SPIS1_MOSI/GPIO42
I/O
GPIO42 input/output. (By default is GPIO input, internal pull-low)
Master out slave in for SPI slave 1.
27
SPIS1_MISO/GPIO43
I/O
GPIO43 input/output. (By default is GPIO input, internal pull-low)
Master in slave out for SPI slave 1.
28
I2C0_SCL/GPIO44
I/O
GPIO44 input/output. (By default is GPIO input, internal pull-low)
I2C 0 serial clock input/output. (By default is I2C 0 master)
29
I2C0_SDA/GPIO45
I/O
GPIO45 input/output. (By default is GPIO input, internal pull-low)
I2C 0 data line input/output. (By default is I2C 0 master)
30
I2C1_SCL/GPIO46
I/O
GPIO46 input/output. (By default is GPIO input, internal pull-low)
I2C 1 serial clock input/output. (By default is I2C 1 slave)
31
I2C1_SDA/GPIO47
I/O
GPIO47 input/output. (By default is GPIO input, internal pull-low)
I2C 1 data line input/output. (By default is I2C 1 slave)
32
VCC1V2
P
+1.2V Regulator power supply for PLL.
Provide +1.2V power to this pin. This pin must be connected to pin 63.
Connect 0.1uF decoupling capacitor.
33
VCCIO3V3
P
+3.3V supply voltage.
This is the supply voltage for all the I/O ports. Connect a 0.1uF
decoupling capacitor to GND. This pin must be connected to pin 46 and
pin 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com