Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900L-R Datasheet(PDF) 26 Page - Bridgetek Pte Ltd.

Part # FT900L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900L-R Datasheet(HTML) 26 Page - Bridgetek Pte Ltd.

Back Button FT900L-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT900L-R Datasheet HTML 30Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
Copyright © Bridgetek Pte Ltd
26
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
Function
Address Memory Range
Comment
UART 0 register
0x10320
0x1032F
B
UART 1 registers
0x10330
0x1033F
B
Timers (include Watchdog)
registers
0x10340
0x1034F
B
I2S master or slave registers
0x10350
0x1035F
W
Camera registers
0x10360
0x1036F
DW
Reserved
0x10370
0x103BF
-
PWM registers
0x103C0
0x103FF
Registers: B access
FIFO: W access
SD host controller registers
0x10400
0x107FF
DW
Flash controller registers
0x10800
0x108BF
B
Reserved
0x108C0
0x10FFF
-
Table 4-2 - FT900/1/2/3 series I/O memory mapping
Notes: DW / W / B are length of register operation.
DW:
Double Word (32-bit)
W:
Word (16-bit) B:
Byte (8-bit)
4.7
USB2.0 Host Controller
The Hi-Speed USB2.0 single-port host controller is compliant with the USB2.0 specification and the
Enhanced Host Controller Interface (EHCI) specification. There is an option to enable a downstream port
with a Battery Charging (BC) feature, which can be configured as Standard Downstream Port (SDP), or
Charging Downstream Port (CDP), or Dedicated Charging Port (DCP). The battery charging feature is
compatible with the Battery Charging Specification Revision 1.2 (BC 1.2) by USB-IF.
4.7.1 Features
Compliant with the USB specification revision 2.0.
Compliant with EHCI specification revision 1.0.
The USB1.1 host is integrated into the USB2.0 EHCI compatible host controller.
Supports data transfer at hi-speed (480 Mb/s), full-speed (12 Mb/s) and low-speed (1.5 Mb/s).
Supports the split transaction for hi-speed Hubs and the preamble transaction full-speed hubs.
Supports the Isochronous/Interrupt/Control/Bulk data transfers.
8kB high speed RAM memory integrated.
Supports Battery Charging specification revision 1.2.
Supports VBUS power switching and over current control.
4.8
USB2.0 Device Controller
The USB 2.0 device controller is fully compliant with the USB2.0 specification. There is also an option to
enable a battery charger detection (BCD) feature on the upstream port, which can identify whether the
connected downstream port supports SDP, CDP or DCP charging function. Battery charge detection allows
the USB device to determine if higher currents may be available from the USB connection for rapid
battery charging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com