Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEW Datasheet(PDF) 5 Page - DIWELL Electronics Co., Ltd.

Part # FEW
Description  20-30W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FEW Datasheet(HTML) 5 Page - DIWELL Electronics Co., Ltd.

  FEW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DANUBE
http://www.danube.com.tw
2016/09/20
5
 PART NUMBERS STRUCTURE
Model Name
Difference
FEWv-x1x2x3x4T-zzz FE=Series Name
W=Wide Input Range
v=Type of output voltage (S=Single output;D=Dual output)
x1=12V (9~18V;9~36V Input voltage)
24V (18~36V;18~75V Input voltage)
48V (36~75V Input voltage)
x2=Output voltage(3.3V;5V;12V;15V)
x3=Package(A;B)
x4=Power(20W;30W)
T= 4:1 Input voltage
zzz= 0~9,A~Z or blank for market purpose.
 MECHANICAL DIMENSIONS
PACKAGE "A"
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Common
5
-Vout
-Vout
6
Remote
On/Off
Remote
On/Off
NOTE:
All dimensions are in millimeters [inches]
Pin Size is Tolerance 1.0Φ ±0.10mm
Tolerance .X
or
.XX= ±0.80mm
PACKAGE "B"
50.8[2.00]
45.72[1.8]
5.8[0.23]
11.20[0.44]
SIDE
VIEW
50.8[2.00]
BOTTOM
VIEW
3
2
1
Al l di me ns ions are i n m ill im ete rs [inc he s]
1
6
5
4
PIN
SINGLE
1
+Vin
2
-Vin
3
Remote On/Off
4
+Vout
5
-Vout
6
Trim
NOTE:
All dimensions are in millimeters [inches]
Pin Size is Tolerance 1.0Φ ±0.10mm
Tolerance .X
or
.XX= ±0.80mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com