Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEW Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # FEW
Description  20-30W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FEW Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  FEW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DANUBE
http://www.danube.com.tw
2016/09/20
2
 SELECTION GUIDE
2:1 20W OUTPUT
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
INPUT8
CURRENT(mA)
EFF
(%)9
CAPACITOR
LOAD
(Max)
PACKAGE
FULL
LOAD
NO
LOAD
FEWS-1203.3A20
9-18
3.3
5000
1617
65
85
1000uF
A
FEWS-1205A20
9-18
5
4000
1893
65
88
1000uF
FEWS-1212A20
9-18
12
1666
1893
20
88
220uF
FEWS-1215A20
9-18
15
1333
1872
20
89
100uF
FEWD-1212A20
9-18
+/-12
+/-833
1893
20
88
+/-100uF
FEWD-1215A20
9-18
+/-15
+/-667
1872
20
89
+/-47uF
FEWS-2403.3A20
18-36
3.3
5000
809
45
85
1000uF
FEWS-2405A20
18-36
5
4000
947
45
88
1000uF
FEWS-2412A20
18-36
12
1666
936
20
89
220uF
FEWS-2415A20
18-36
15
1333
926
20
90
100uF
FEWD-2412A20
18-36
+/-12
+/-833
936
20
89
+/-100uF
FEWD-2415A20
18-36
+/-15
+/-667
926
20
89
+/-47uF
FEWS-4803.3A20
36-75
3.3
5000
404
40
85
1000uF
FEWS-4805A20
36-75
5
4000
473
40
88
1000uF
FEWS-4812A20
36-75
12
1666
473
10
88
220uF
FEWS-4815A20
36-75
15
1333
468
10
89
100uF
FEWD-4812A20
36-75
+/-12
+/-833
473
10
88
+/-100uF
FEWD-4815A20
36-75
+/-15
+/-667
473
10
88
+/-47uF
Note: Other input to output voltages may be available. Please contact factory.
8 NOMINAL INPUT VOLTAGE.
9 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com