Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEW Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # FEW
Description  20-30W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FEW Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  FEW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DANUBE
http://www.danube.com.tw
2016/09/20
1
FEATURES
20~30W DIL PACKAGE
INDUSTRY STANDARD PACKAGE
9-18V,18-36V,36-75V,9-36V,18-75V
WIDE INPUT RANGE
REGULATED OUTPUT
INPUT UVLO & OVLO
HIGH EFFICIENCY
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Set-point Accuracy
+/-2% max. Input Voltage Range
2:1 or 4:1 Input Range
Temperature Coefficient
+/-0.05%/°C Input Filter
Pi Network
Ripple & Noise(20MHz BW)
1
150mVp-p max. Protection
Fuse Recommended
Line Regulation
2
+/-0.3% max. OVLO(Over Voltage Lockout)
See Page 6
Load Regulation
3
+/-0.5% max. UVLO(Under Voltage Lockout)
See Page 6
Minimum Load
4
10% of Full Load OVLO & UVLO Circuit Restart
Automatic
Short Circuit Protection
Continuous GENERAL SPECIFICATIONS
Short Circuit Restart
Automatic Efficiency
88% typ.
Over Load Protection
130%~180% Isolation Voltage
5
1500VDC min.
Transient Response
6
500uS max. Isolation Resistance
10
9
ohms min.
External Trim Adj. Range
Vout:5V
+/-10% Isolation Capacitance
3000pF max.
External Trim Adj. Range
Vout:12V,15V
-20%~+10% Switching Frequency
300 KHz typ.
ENVIRONMENTAL SPECIFICATIONS
MTBF
7
>300,000 Hours
Operating Temperature (20W)
-40°C to +75°C Weight
31.2g typ.
Operating Temperature (30W)
-40°C to +55°C Case Material
Six-Side Shielded Case
Case Temperature
+100°C max. Case Size
50.8mm*25.4mm*11.2mm
Storage Temperature
-55°C to +125°C Radiated Emissions
EN55022 Class A
Humidity
95% max.
Cooling
Free-Air Convection
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD, AND 25 °C UNLESS OTHERWISE NOTED.
1 Measured with 1uF ceramic capacitor connect to the output pins.
2 High Line to Low Line.
3 Load Regulation is for output load current change from 10% to 100%.
4 FEWS-XXXXA20T Minimum load 20% of full load.
5 For 10 seconds.
6 25% Step Load Change.
7 MIL-HDBK-217F @25°C, Ground Benign.
FEW SERIES
20~30W WIDE INPUT RANGE


Similar Description - FEW

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
25-30W, Wide Input Range, Single Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
logo
Total Power Internation...
MPW1000 TOTAL-POWER-MPW1000_17 Datasheet
488Kb / 8P
25~30W wide input range
logo
XP Power Limited
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
KAW DIWELL-KAW Datasheet
556Kb / 8P
30W WIDE INPUT RANGE
2013/06/27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com