Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEW Datasheet(PDF) 7 Page - DIWELL Electronics Co., Ltd.

Part # FEW
Description  20-30W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FEW Datasheet(HTML) 7 Page - DIWELL Electronics Co., Ltd.

  FEW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DANUBE
http://www.danube.com.tw
2016/09/20
7
 SIMPLIFIED SCHEMATIC
 TYPICAL APPLICATIONS
FIXED VOLTAGE OUTPUT
FIXED VOLTAGE OUTPUT
+Vin
-Vin
-Vout
+Vout
TRIM
DC-DC
CONVERTER
LOAD
INPUT
OUTPUT
TRIM CONNECTIONS USING A TRIMPOT
+Vin
-Vin
-Vout
+Vout
TRIM
DC-DC
CONVERTER
LOAD
INPUT
OUTPUT
TrimDown
TrimUp
500K
OHM
FIXED-VALUE TRIM DOWN RESISTOR
FIXED-VALUE TRIM UP RESISTOR
+Vin
-Vin
-Vout
+Vout
TRIM
DC-DC
CONVERTER
LOAD
INPUT
OUTPUT
TrimDown
+Vin
-Vin
-Vout
+Vout
TRIM
DC-DC
CONVERTER
LOAD
INPUT
OUTPUT
TrimUp
SINGLE OUTPUT
DUAL OUTPUT
SINGLE OUTPUT
DUAL OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com