Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEW Datasheet(PDF) 8 Page - DIWELL Electronics Co., Ltd.

Part # FEW
Description  20-30W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FEW Datasheet(HTML) 8 Page - DIWELL Electronics Co., Ltd.

  FEW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FEW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DANUBE
http://www.danube.com.tw
2016/09/20
8
 TYPICAL PERFORMANCE CURVES
Specifications typical at Ta=25 °C, nominal input voltage, rated output current unless otherwise specified.
OUTPUT LOAD VS EFFICIENCY
TEMPERATURE DERATING
0.0
20.0
40.0
60.0
80.0
100.0
0
20
40
60
80
100
% OF RATED LOAD(%)
0
25
50
75
1 00
1 25
-40
0
5 5
7 5
10 0
TA(degree C)
PACKAGE "A"
PACKAGE "B"
 RECOMMENDED FILTER FOR EN55022 CLASS B
The components used in the above figure, together with the manufacturer’s part
numbers for these components, are as follows:
C1
C2
C3
C4
L1
FEW*-12*****
3.3uF/50V
1812 MLCC
3.3uF/50V
1812 MLCC
1000pF/2KV
MLCC
1000pF/2KV
MLCC
325uH
Common
Choke
FEW*-24*****
3.3uF/50V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
325uH
Common
Choke
FEW*-48*****
1.5uF/100V
1812 MLCC
1.5uF/100V
1812 MLCC
1000pF/2KV
MLCC
1000pF/2KV
MLCC
325uH
Common
Choke
DC-DC CONVERTER
+ in
V
-Vin
+
ut
Vo
-Vout
C1
C4
Load
C2
C3
L1
F1
+Input
-Input
RECOMMENDED EN55022 CLASS B FILTER CIRCUIT LAYOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com