Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4204F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD4204F
Description  TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4204F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD4204F Datasheet HTML 1Page - Toshiba Semiconductor TPD4204F Datasheet HTML 2Page - Toshiba Semiconductor TPD4204F Datasheet HTML 3Page - Toshiba Semiconductor TPD4204F Datasheet HTML 4Page - Toshiba Semiconductor TPD4204F Datasheet HTML 5Page - Toshiba Semiconductor TPD4204F Datasheet HTML 6Page - Toshiba Semiconductor TPD4204F Datasheet HTML 7Page - Toshiba Semiconductor TPD4204F Datasheet HTML 8Page - Toshiba Semiconductor TPD4204F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPD4204F
2018-04-09
4
Pin Description
Pin No.
Symbol
Pin Description
1
NC
Unused pin, which is not connected to the chip internally.
2
NC
Unused pin, which is not connected to the chip internally.
3
NC
Unused pin, which is not connected to the chip internally.
4
DIAG
With the diagnostic output terminal of open drain, a pull-up is carried out by resistance.
It turns on at the time of unusual.
5
VCC
Control power supply pin. (15 V (typ.))
6
VREG
7 V regulator output pin.
7
SD
Input pin of external protection. (“L” active, It doesn't have hysteresis.)
8
GND
Ground pin.
9
RS
Over current detection pin.
10
LW
The control terminal of MOSFET by the low side of W. It turns off less than 1.5 V.
It turns on more than 2.5 V.
11
LV
The control terminal of MOSFET by the low side of V. It turns off less than 1.5 V.
It turns on more than 2.5 V.
12
LU
The control terminal of MOSFET by the low side of U. It turns off less than 1.5 V.
It turns on more than 2.5 V.
13
HW
The control terminal of MOSFET by the high side of W. It turns off less than 1.5 V.
It turns on more than 2.5 V.
14
HV
The control terminal of MOSFET by the high side of V. It turns off less than 1.5 V.
It turns on more than 2.5 V.
15
HU
The control terminal of MOSFET by the high side of U. It turns off less than 1.5 V.
It turns on more than 2.5 V.
16
GND
Ground pin.
17
NC
Unused pin, which is not connected to the chip internally.
18
NC
Unused pin, which is not connected to the chip internally.
19
NC
Unused pin, which is not connected to the chip internally.
20
IS3
The source terminal of MOSFET by the low side of W.
21
W
W-phase output pin.
22
BSW
W-phase bootstrap capacitor connecting pin.
23
VBB
High-voltage power supply input pin.
24
VBB
High-voltage power supply input pin.
25
BSV
V-phase bootstrap capacitor connecting pin.
26
V
V-phase output pin.
27
IS2
The source terminal of MOSFET by the low side of V.
28
IS1
The source terminal of MOSFET by the low side of U.
29
BSU
U-phase bootstrap capacitor connecting pin.
30
U
U-phase output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com