Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4204F Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TPD4204F
Description  TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4204F Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TPD4204F Datasheet HTML 7Page - Toshiba Semiconductor TPD4204F Datasheet HTML 8Page - Toshiba Semiconductor TPD4204F Datasheet HTML 9Page - Toshiba Semiconductor TPD4204F Datasheet HTML 10Page - Toshiba Semiconductor TPD4204F Datasheet HTML 11Page - Toshiba Semiconductor TPD4204F Datasheet HTML 12Page - Toshiba Semiconductor TPD4204F Datasheet HTML 13Page - Toshiba Semiconductor TPD4204F Datasheet HTML 14Page - Toshiba Semiconductor TPD4204F Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TPD4204F
2018-04-09
13
Description of Protection Function
(1) Under voltage protection
This product incorporates under voltage protection circuits to prevent the MOSFET from operating in
unsaturated mode when the VCC voltage or the VBS voltage drops.
When the VCC power supply falls to this product internal setting VCCUVD (= 11 V (typ.)), all
MOSFET outputs shut down regardless of the input. This protection function has hysteresis. When
the VCC power supply reaches 0.5 V higher than the shutdown voltage (VCCUVR (= 11.5 V (typ.))),
this product is automatically restored and the MOSFET is turned on again by the input. DIAG output
is reversed at the time of VCC under-voltage protection. When the VCC power supply is less than 7 V,
DIAG output isn't sometimes reversed. When the VBS supply voltage drops VBSUVD (= 10 V (typ.)),
the high-side MOSFET output shuts down. When the VBS supply voltage reaches 0.5 V higher than
the shutdown voltage (VBSUVR (= 10.5 V (typ.))), the MOSFET is turned on again by the input
signal.
(2) Over-current protection
This product incorporates an over-current protection circuit to protect itself against over-current at
startup or when a motor is locked. This protection function detects voltage generated in the current
detection resistor connected to the RS pin. When this voltage exceeds VR (= 0.5 V (typ.)), the MOSFET
output, which is on, temporarily shuts down after a delay time, preventing any additional current
from flowing to this product. The next all “L” signal releases the shutdown state.
(3) Thermal shutdown
This product incorporates a thermal shutdown circuit to protect itself against the abnormal state
when its temperature rises excessively.
When the temperature of this chip rises to the internal setting TSD due to external causes or internal
heat generation, all MOSFET outputs shut down regardless of the input. This protection function has
hysteresis ∆TSD (= 50 °C (typ.)). When the chip temperature falls to TSD - ∆TSD, the chip is
automatically restored and the MOSFET is turned on again by the input.
Because the chip contains just one temperature detection location, when the chip heats up due to the
MOSFET, for example, the differences in distance from the detection location in the MOSFET (the
source of the heat) cause differences in the time taken for shutdown to occur. Therefore, the
temperature of the chip may rise higher than the thermal shutdown temperature when the circuit
started to operate.
(4) SD function
SD pin is the input signal pin to shut down the internal output MOSFET. Output of all MOSFET is
shut down after delay times (2 μs (typ.)) when "L" signal is input to the SD pin from external circuit
(MCU etc.). It is possible to shut down IC when overcurrent and others is detected by external circuit.
Shut down state is released by all of IC input signal "L". At open state of SD pin, shut down function
can not operate.
Timing Chart of Under voltage protection
Note: The above timing chart is considering the delay time
LIN
HO
HIN
VBS
VCC
LO
DIAG
ton
toff
ton
toff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com