Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4204F Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TPD4204F
Description  TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4204F Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TPD4204F Datasheet HTML 7Page - Toshiba Semiconductor TPD4204F Datasheet HTML 8Page - Toshiba Semiconductor TPD4204F Datasheet HTML 9Page - Toshiba Semiconductor TPD4204F Datasheet HTML 10Page - Toshiba Semiconductor TPD4204F Datasheet HTML 11Page - Toshiba Semiconductor TPD4204F Datasheet HTML 12Page - Toshiba Semiconductor TPD4204F Datasheet HTML 13Page - Toshiba Semiconductor TPD4204F Datasheet HTML 14Page - Toshiba Semiconductor TPD4204F Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TPD4204F
2018-04-09
12
External Parts
Typical external parts are shown in the following table.
Part
Typical
Purpose
Remarks
C1, C2, C3
25 V/2.2 µF
Bootstrap capacitor
(Note 1)
C4
25 V/10 µF
VCC power supply stability
(Note 2)
C5
25 V/0.1 µF
VCC for surge absorber
(Note 2)
C6
25 V/1 µF
VREG power supply stability
(Note 2)
C7
25 V/1000 pF
VREG for surge absorber
(Note 2)
R1
5.1 kΩ
DIAG pull-up resistor
(Note 3)
R2
10 kΩ
SD pull-up resistor
-
R3
0.35 Ω ± 1 % (1 W)
Current detection
(Note 4)
Note 1: The required bootstrap capacitance value varies according to the motor drive conditions. The capacitor is
biased by VCC and must be sufficiently derated for it.
Note 2: When using this product, adjustment is required in accordance with the use environment. When mounting,
place as close to the base of this product leads as possible to improve the ripple and noise elimination.
Note 3: The DIAG pin is open drain. If not using the DIAG pin, connect to the GND.
Note 4: The following formula shows the detection current: IO = VR ÷ R3 (For VR = 0.5 V (typ.))
Handling precautions
(1) Please control the input signal in the state to which the VCC voltage is steady. Both of the order of the VBB
power supply and the VCC power supply are not cared about either.
Note that if the power supply is switched off as described above, this product may be destroyed if the
current regeneration route to the VBB power supply is blocked when the VBB line is disconnected by a relay
or similar while the motor is still running.
(2) The RS pin connecting the current detection resistor is connected to a comparator in the IC and also
functions as a sensor pin for detecting over current. As a result, over voltage caused by a surge voltage, for
example, may destroy the circuit. Accordingly, be careful of handling the IC or of surge voltage in its
application environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com