Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4204F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD4204F
Description  TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4204F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD4204F Datasheet HTML 1Page - Toshiba Semiconductor TPD4204F Datasheet HTML 2Page - Toshiba Semiconductor TPD4204F Datasheet HTML 3Page - Toshiba Semiconductor TPD4204F Datasheet HTML 4Page - Toshiba Semiconductor TPD4204F Datasheet HTML 5Page - Toshiba Semiconductor TPD4204F Datasheet HTML 6Page - Toshiba Semiconductor TPD4204F Datasheet HTML 7Page - Toshiba Semiconductor TPD4204F Datasheet HTML 8Page - Toshiba Semiconductor TPD4204F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TPD4204F
2018-04-09
1
TOSHIBA Intelligent Power Device
High Voltage 3-phase motor driver IC
TPD4204F
The TPD4204F is a DC brush less motor driver using high
voltage PWM control. It is fabricated by high voltage MOSFET
(600 V). It is three-shunt resistor circuit for current sensing. It
contains level shift high-side driver, low-side driver, MOSFET
outputs, and protective functions for over-current circuit and
shutdown function and under voltage protection circuits and
thermal shutdown circuit. It is easy to control a DC brush less
motor by just putting logic inputs from a MPU or motor controller
to the TPD4204F.
Features
•
High voltage power side and low voltage signal side terminal are separated.
•
It is the best for current sensing in three shunt resistance.
•
Bootstrap circuit gives simple high-side supply.
•
Bootstrap diodes are built in.
•
A dead time can be set as a minimum of 1.4 μs, and it is suitable for a Sine-wave drive.
•
3-phase bridge output using MOSFETs.
•
Included over-current and under-voltage protection and shutdown, and thermal shutdown.
•
The regulator of 7 V (typ.) is built in.
•
The package is a surface mount type 30 pin package.
This product has a MOS structure and is sensitive to electrostatic discharge. When handling this product, ensure that
the environment is protected against electrostatic discharge.
The TSD and UVLO circuits are only intended to provide temporary protection against irregular condition such
as an output short-circuit; they do not necessarily guarantee the complete IC safety. If the device is used beyond the
specified operating ranges, these circuits may not operate properly; then the device may be damaged. Such a
condition must be removed immediately by external hardware.
Start of commercial production
2017-01
P-SSOP30-1120-1.00-001
Weight: 1.2 g (typ.)


Similar Part No. - TPD4204F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4206F TOSHIBA-TPD4206F Datasheet
574Kb / 15P
TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
2018-04-12
TPD4207F TOSHIBA-TPD4207F Datasheet
542Kb / 15P
TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
2018-04-12
More results

Similar Description - TPD4204F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135K TOSHIBA-TPD4135K Datasheet
371Kb / 23P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4206F TOSHIBA-TPD4206F Datasheet
574Kb / 15P
TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
2018-04-12
TPD4207F TOSHIBA-TPD4207F Datasheet
542Kb / 15P
TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
2018-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com