Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4204F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TPD4204F
Description  TOSHIBA Intelligent Power Device High Voltage 3-phase motor driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4204F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD4204F Datasheet HTML 4Page - Toshiba Semiconductor TPD4204F Datasheet HTML 5Page - Toshiba Semiconductor TPD4204F Datasheet HTML 6Page - Toshiba Semiconductor TPD4204F Datasheet HTML 7Page - Toshiba Semiconductor TPD4204F Datasheet HTML 8Page - Toshiba Semiconductor TPD4204F Datasheet HTML 9Page - Toshiba Semiconductor TPD4204F Datasheet HTML 10Page - Toshiba Semiconductor TPD4204F Datasheet HTML 11Page - Toshiba Semiconductor TPD4204F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TPD4204F
2018-04-09
8
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VBB
600
V
VCC
18
V
Output current (DC)
Iout
2.5
A
Output current (pulse 100 μs)
Ioutp
3.75
A
Input voltage
VIN
-0.5 to 7
V
VREG current
IREG
50
mA
DIAG voltage
VDIAG
20
V
DIAG current
IDIAG
20
mA
Power dissipation
(All phase (Tc = 25°C) )
PC
3
W
Thermal Resistance
(Junction to Case) (Note 1)
Rj-c
15
°C/W
Operating Case temperature
Tcopr
-40 to 100
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 to 150
°C
Note 1: Mounted on two layers of JEDEC standard PCB, 76.2 mm × 114.3 mm × 1.6 mm, in still air.
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com