Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451WM Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
Product Specification (V1.1) 06.30.2003
• 17
(This specification is subject to change without further notice)
4.5 SERIAL PERIPHERAL INTERFACE MODE
4.5.1 Overview & Features
4.5.1.1 Overview
Figures 8, 9, and 10 show how EM78P451 communicates with other devices through
SPI module. If EM78P451 is a master controller, it sends clock through the SCK pin. A
couple of 8-bit data are transmitted and received at the same time. However, if
EM78P451is defined as a slave, its SCK pin could be programmed as an input pin.
Data will continue to be shifted based on both the clock rate and the selected edge.
4.5.1.2 Features
Operation in either Master mode or Slave mode,
Three-wire or four-wire synchronous communication; that is, full duplex
Programmable baud rates of communication,
Programming clock polarity, (RD bit7)
Interrupt flag available for the read buffer full,
Up to 8 MHz ( maximum ) bit frequency,
SPI Module
SCK
SPIR Reg
SDI
SPIW
Reg
SPIS Reg
/SS
Slave Device
SDO
Bit 7
SPI Module
SPIR Reg
SPIW Reg
SPIS Reg
Master Device
Fig. 8 SPI Master/Slave Communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com